Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RIO-3310S-A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RIO-3310S-A1E
Description  6U CompactPCI짰 Rear Transition Boards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RIO-3310S-A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RIO-3310S-A1E Datasheet HTML 1Page - Advantech Co., Ltd. RIO-3310S-A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
6U CompactPCI® Rear Transition Boards
Specifications
CompactPCI Connector
RIO-3309C: J3, J5; RIO-3309S: J1/J2/J3/J5; RIO-3310S: J1/J2/J3/J5; RIO-3310A: J3/J5
SCSI Controller
RIO-3309S: Adaptec AIC-7901 Ultra 320 SCSI controller chip supports RAID 0, 1, 10
RIO-3310S: Adaptec AIC-7901 Ultra 320 SCSI control chip supports RAID 0, 1, 10
Power
Power Consumption
+3.3 V
+5 V
+12 V
3 A
2 A
1 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F)
-20 ~ 80° C (-4 ~ 176° F)
Humidity
-
5 ~ 95%, non-condensing
Physical Characteristics
Dimensions (W x D)
233.35 x 80 mm (9.2" x 1.5"), 1-slot width
Weight
0.4 kg (0.88 lb)
RIO-3309C-AE
RIO-3309S-A2E
RIO-3309S-A1E
External rear-panel interface connectors for CPU boards
Onboard CompactFlash socket
Ultra 320 SCSI interface
Supports SATA interface
Introduction
The RIO series of rear transition boards provide rear-panel access to the I/O interfaces of
Advantech’s CompactPCI CPU boards.
RIO-3309C/3309S is designed for the MIC-3358A and MIC-3369C series.
RIO-3310S/3310A is designed for the MIC-3390 and MIC-3392 series.
RIO-3309/3310
RIO-3310S series
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - RIO-3310S-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RIO-3311 ADVANTECH-RIO-3311 Datasheet
388Kb / 2P
   6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3311-A1E ADVANTECH-RIO-3311-A1E Datasheet
388Kb / 2P
   6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3311-A2E ADVANTECH-RIO-3311-A2E Datasheet
388Kb / 2P
   6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
   6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3315-A1E ADVANTECH-RIO-3315-A1E Datasheet
460Kb / 1P
   6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
More results

Similar Description - RIO-3310S-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RIO-3311 ADVANTECH-RIO-3311 Datasheet
388Kb / 2P
   6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3392MIL ADVANTECH-RIO-3392MIL_14 Datasheet
887Kb / 1P
   6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3392MIL ADVANTECH-RIO-3392MIL Datasheet
641Kb / 1P
   6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
   6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
   6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
   6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
MIC-3960 ADVANTECH-MIC-3960 Datasheet
126Kb / 1P
   6U CompactPCI짰 Media Carrier Board
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
   6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
MIC-3961 ADVANTECH-MIC-3961 Datasheet
166Kb / 1P
   6U CompactPCI짰 PCI Carrier Board
MIC-3312 ADVANTECH-MIC-3312 Datasheet
463Kb / 2P
   6U CompactPCI짰 Extension Board for MIC-3393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com