Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8029 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8029
Description  Low power single card reader
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8029 Datasheet HTML 7Page - NXP Semiconductors TDA8029 Datasheet HTML 8Page - NXP Semiconductors TDA8029 Datasheet HTML 9Page - NXP Semiconductors TDA8029 Datasheet HTML 10Page - NXP Semiconductors TDA8029 Datasheet HTML 11Page - NXP Semiconductors TDA8029 Datasheet HTML 12Page - NXP Semiconductors TDA8029 Datasheet HTML 13Page - NXP Semiconductors TDA8029 Datasheet HTML 14Page - NXP Semiconductors TDA8029 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
11 of 59
Philips Semiconductors
TDA8029
Low power single card reader
Stop clock mode: The static design enables the clock speed to be reduced down to
0 MHz (stopped). When the oscillator is stopped, the RAM and special function registers
retain their values. This mode allows step-by-step utilization and permits reduced system
power consumption by lowering the clock frequency down to any value. For lowest power
consumption the Power-down mode is suggested.
Idle mode: In the Idle mode, the CPU puts itself to sleep while all of the on-chip
peripherals stay active. The instruction to invoke the Idle mode is the last instruction
executed in the normal operating mode before the Idle mode is activated. The CPU
contents, the on-chip RAM, and all of the special function registers remain intact during
this mode. The Idle mode can be terminated either by any enabled interrupt (at which time
the process is picked up at the interrupt service routine and continued), or by a hardware
reset which starts the processor in the same manner as a Power-on reset.
Power-down mode: To save even more power, a Power-down mode can be invoked by
software. In this mode, the oscillator is stopped and the instruction that invoked
Power-down is the last instruction executed.
Either a hardware reset, external interrupt or reception on RX can be used to exit from
Power-down mode. Reset redefines all the SFRs but does not change the on-chip RAM.
An external interrupt allows both the SFRs and the on-chip RAM to retain their values.
With INT0_N, INT1_N or RX, the bits in register IE must be enabled. Within the INT0_N
interrupt service routine, the controller has to read out the Hardware Status Register
(HSR @ 0Fh) and/or the UART Status register (USR @ 0Eh) by means of
MOVX-instructions in order to know the exact interrupt reason and to reset the interrupt
source.
For enabling a wake up by INT1_N, the bit ENINT1 within UCR2 must be set.
For enabling a wake up by RX, the bits ENINT1 and ENRX within UCR2 must be set.
An integrated delay counter maintains internally INT0_N and INT1_N LOW long enough
to allow the oscillator to restart properly, so a falling edge on pins RX, INT0_N and
INT1_N is enough for awaking the whole circuit.
Once the interrupt is serviced, the next instruction to be executed after RETI will be the
one following the instruction that put the device into power-down.
8.2 Timer 2 operation
Timer 2 is a 16-bit timer and counter which can operate as either an event timer or an
event counter, as selected by bit C/T2 in the special function register T2CON. Timer 2 has
three operating modes: capture, auto-reload (up- or down counting), and baud rate
generator, which are selected by bits in register T2CON.
Table 6:
External pin status during Idle and Power-down mode
Mode
Program
memory
ALE
PSEN_N Port 0
Port 1
Port 2
Port 3
Idle
internal
1
1
data
data
data
data
Idle
external
1
1
float
data
address
data
Power-down
internal
0
0
data
data
data
data
Power-down
external
0
0
float
data
data
data


Similar Part No. - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C1 PHILIPS-TDA8029C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C2 PHILIPS-TDA8029C2 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL PHILIPS-TDA8029HL Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL/C1 PHILIPS-TDA8029HL/C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
More results

Similar Description - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com