Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8029 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # TDA8029
Description  Low power single card reader
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button TDA8029 Datasheet HTML 38Page - NXP Semiconductors TDA8029 Datasheet HTML 39Page - NXP Semiconductors TDA8029 Datasheet HTML 40Page - NXP Semiconductors TDA8029 Datasheet HTML 41Page - NXP Semiconductors TDA8029 Datasheet HTML 42Page - NXP Semiconductors TDA8029 Datasheet HTML 43Page - NXP Semiconductors TDA8029 Datasheet HTML 44Page - NXP Semiconductors TDA8029 Datasheet HTML 45Page - NXP Semiconductors TDA8029 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
42 of 59
Philips Semiconductors
TDA8029
Low power single card reader
There are several possible situations:
VDCIN = 3 V and VCC = 3 V: In this case the DC-to-DC converter is acting as a doubler
with a regulation of about 4.0 V
VDCIN = 3 V and VCC = 5 V: In this case the DC-to-DC converter is acting as a tripler
with a regulation of about 5.5 V
VDCIN = 5 V and VCC = 3 V: In this case, the DC-to-DC converter is acting as a
follower, VDD is applied on VUP
VDCIN = 5 V and VCC = 5 V. In this case, the DC-to-DC converter is acting as a doubler
with a regulation of about 5.5 V
VCC = 1.8 V. In this case, whatever value of VDCIN, the DC-to-DC converter is acting
as a follower, VDD is applied on VUP.
The switch between different modes of the DC-to-DC converter is done by the TDA8029 at
about VDCIN = 3.5 V.
The output voltage is fed to the VCC generator. VCC and GNDC are used as a reference for
all other card contacts.
8.13 ISO 7816 security
The correct sequence during activation and deactivation of the card is ensured through a
specific sequencer, clocked by a division ratio of the internal oscillator.
Activation (bit START = 1 in register PCR) is only possible if the card is present (pin PRES
is HIGH) and if the supply voltage is correct (supervisor not active).
Pin PRES is internally biased with a current source of 45
µA typical to ground when the
pin is open (No card present). When pin PRES becomes HIGH, via the detection switch
connected to VDD, this internal bias current is reduced to 2.5 µA to ground. This feature
allows direct connection of the detect switch to VDD without a pull-down resistor.
The presence of the card is signalled to the controller by the HSR.
Bit PR1 in register MSR is set if the card is present. Bit PRL1 in register HSR is set if PR1
has toggled.
During a session, the sequencer performs an automatic emergency deactivation on the
card in the event of card take-off, short-circuit, supply dropout or overheating. The card is
also automatically deactivated in case of supply voltage drop or overheating. The HSR
register is updated and the INT0_N line falls down, so the system controller is aware of
what happened.
8.14 Protections and limitations
The TDA8029 features the following protections and limitations:
ICC limited to 100 mA, and deactivation when this limit is reached
Current to or from pin RST limited to 20 mA, and deactivation when this limit is
reached
Deactivation when the temperature of the die exceeds 150
°C
Current to or from pin I/O limited to 10 mA


Similar Part No. - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C1 PHILIPS-TDA8029C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C2 PHILIPS-TDA8029C2 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL PHILIPS-TDA8029HL Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL/C1 PHILIPS-TDA8029HL/C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
More results

Similar Description - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com