Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE97 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 42Page - NXP Semiconductors SE97 Datasheet HTML 43Page - NXP Semiconductors SE97 Datasheet HTML 44Page - NXP Semiconductors SE97 Datasheet HTML 45Page - NXP Semiconductors SE97 Datasheet HTML 46Page - NXP Semiconductors SE97 Datasheet HTML 47Page - NXP Semiconductors SE97 Datasheet HTML 48Page - NXP Semiconductors SE97 Datasheet HTML 49Page - NXP Semiconductors SE97 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
46 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
Fig 42. Package outline SOT908-1 (HVSON8)
0.5
0.2
1
0.05
0.00
A1
Eh
b
UNIT
D(1)
y
e
1.5
e1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
cDh
1.65
1.35
y1
3.1
2.9
2.25
1.95
0.3
0.2
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT908-1
MO-229
E(1)
0.5
0.3
L
0.1
v
0.05
w
SOT908-1
HVSON8: plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3 x 3 x 0.85 mm
A(1)
max.
05-09-26
05-10-05
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
X
terminal 1
index area
B
A
D
E
detail X
A
A1
c
C
y
C
y1
exposed tie bar (4
×)
exposed tie bar (4
×)
b
terminal 1
index area
e1
e
A
C
B
v M
C
w M
Eh
Dh
L
14
5
8
0
1
2 mm
scale


Similar Part No. - SE97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97 NXP-SE97 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE97B NXP-SE97B Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SE97BTP NXP-SE97BTP Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
More results

Similar Description - SE97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE98 NXP-SE98 Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98A NXP-SE98A_10 Datasheet
915Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 04-25 November 2009
SE98A NXP-SE98A Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
   2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com