Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK27112A00B9 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK27112A00B9
Description  27mm Size Metal Shaft Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK27112A00B9 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK27112A00B9 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK27112A00B9 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK27112A00B9 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK27112A00B9 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK27112A00B9 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK27112A00B9 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
356
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Refer to P.363 for attached parts.
Refer to
P.357, 502 for resistance taper.
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Products Specification
Type
Model
Mounting height
(mm)
Detent variety
Gang error
Single-shaft,
single-unit
RK27111
Single-shaft,
dual-unit
RK27112
Single-shaft,
quad-unit
RK27114
12.5
Center
21
31
41
−60dB to 0dB
within 3dB
−80dB to −60dB
within 5dB
possible
depending on total
resistance and taper.
Total Resistance Variety
Total resistance
(kΩ)
10
5
20
50
100
250
Resistance Taper
Resistance taper
15A
3B
Dimensions of Shaft
1 Slotted type
Unit:mm
2 Flat type
Unit:mm
M8G0.75
L1
R1
7
C1
60˚
Shaft shown in full
CCW position
M8G0.75
7
C0.5
L1
1.6
Not specified slotting angle
L1
15
20
25
30
R1
7
12
12
12
L1
15
20
25
30
marked are specifications recommended by ALPS.
Note
27mm Size Metal Shaft Type Potentiometer


Similar Part No. - RK27112A00B9

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK27112A00B9 ALPS-RK27112A00B9 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
List of Unclassifed Man...
RK27112A00B9 ETC-RK27112A00B9 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK27112A00B9

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com