Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9536DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors PCA9536DP Datasheet HTML 10Page - NXP Semiconductors PCA9536DP Datasheet HTML 11Page - NXP Semiconductors PCA9536DP Datasheet HTML 12Page - NXP Semiconductors PCA9536DP Datasheet HTML 13Page - NXP Semiconductors PCA9536DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
10 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
8.
Limiting values
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
II
input current
-
±20
mA
VI/O
voltage on an input/output pin
VSS − 0.5
5.5
V
IO(IOn)
output current on pin IOn
-
±50
mA
IDD
supply current
-
85
mA
ISS
ground supply current
-
100
mA
Ptot
total power dissipation
-
200
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj(max)
maximum junction temperature
-
+125
°C


Similar Part No. - PCA9536DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
More results

Similar Description - PCA9536DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 PHILIPS-PCA9536 Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com