Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6781 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCA-6781
Description  ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6781 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCA-6781 Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6781 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Single Board Computers
Features
PCA-6781
Specifications
Processor System
CPU
Intel Celeron M (on board CPU type)
Max. Speed
600 MHz
1 GHz
L2 Cache
512 KB
0 KB
Chipset
Intel 852GM + ICH4
BIOS
Award 4M bits FWH
Bus
Front Side Bus
400 MHz
PCI
N/A
ISA
16-bit/ Gold Finger
Memory
Technology
DDR 200/266 MHz SDRAM SODIMM
Max. Capacity
1 GB
Socket
200-pin SO-DIMM x 1
Graphics
Controller
Chipset integrated VGA controller
VGA mode: 1600 x 1200 @ 85 Hz; and up to 1920 x 1440 @ 60 Hz
LCD mode: 1440 x 1050 @ 60 Hz
VRAM
Shared with system memory up to 64MB
LVDS
Dual-channel 36-bit LVDS
TTL
N/A
Dual Display
CRT+LVDS
Ethernet
Interface
10/100Base-T
Controller
Intel 82551QM (FE)
Connector
RJ-45*1
EIDE
Mode
ATA 100/66/33
Channel
2
SATA (150MB/s)
Ports
-
I/O Interface
USB
4 (USB 2.0)
Serial
1 (RS-232) / 1 (RS-232/RS-422/RS-485)
Parallel
1
FDD
1
PS/2
1 (for mouse and Keyboard, Y cable included)
Watchdog Timer
Output
Interrupt, system reset
Interval
255 level timer interval
Miscellaneous
Audio Output
AC97 Audio interface (requires an audio extension module P/N: PCM-231A-00A1E)
Solid State Disk
Compact Flash socket (Type I/II), shared with secondary IDE
Power Requirement
Typical
Intel Celeron M 1GHZ,DDR333 1GB
+12 V (0.01A)
+5 V (2.02A)
Max
Intel Celeron M 1GHZ,DDR333 1GB
+12 V (0.01A)
+5 V (1.52A)
Environment
Temperature
Operating
Non-Operating
0 ~ 60° C
- 20 ~ 70° C
Physical
Dimensions
185 mm (L) x 122 mm (W) (7.3" x 4.8")
ISA Half-sized SBC, ULV Celeron® M,
VGA/LVDS/LAN/CFC/USB 2.0
Intel® Celeron® M CPU 852GM+ICH4 Chipsets
200 pin SODIMM socket DDR 200/266 MHz SDRAM up to 1 GB
10/100 Base-T Ethernet
Low power consumption and fanless
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PCA-6781

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6782 ADVANTECH-PCA-6782 Datasheet
2Mb / 2P
   Intel짰 Atom N455/D525 ISA Half-size SBC with VGA/LVDS/GbE LAN/SATA/COM/CFC/ FDD and PC/104
PCA-6782D-S8A1E ADVANTECH-PCA-6782D-S8A1E Datasheet
2Mb / 2P
   Intel짰 Atom N455/D525 ISA Half-size SBC with VGA/LVDS/GbE LAN/SATA/COM/CFC/ FDD and PC/104
PCA-6782N-S6A1E ADVANTECH-PCA-6782N-S6A1E Datasheet
2Mb / 2P
   Intel짰 Atom N455/D525 ISA Half-size SBC with VGA/LVDS/GbE LAN/SATA/COM/CFC/ FDD and PC/104
More results

Similar Description - PCA-6781

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6742 ADVANTECH-PCA-6742 Datasheet
324Kb / 2P
   ISA half-sized SBC, Advantech EVA-X4300, VGA/LCD/LAN/CFC/USB and PC104
PCI-6886 ADVANTECH-PCI-6886 Datasheet
370Kb / 2P
   Intel짰 Celeron짰 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
PCI-6870 ADVANTECH-PCI-6870 Datasheet
369Kb / 2P
   Socket 370 PCI Half-sized SBC, VGA/LAN/CFC II
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6881 ADVANTECH-PCI-6881 Datasheet
372Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M PCI Half-sized SBC with VGA/LCD/LVDS/GbE LAN/USB 2.0 and SSD
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
PCA-6743VE-Q0A2E ADVANTECH-PCA-6743VE-Q0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6743F-L0A2E ADVANTECH-PCA-6743F-L0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com