Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK14K12B0A0E Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K12B0A0E
Description  14mm Size Insulated Shaft Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K12B0A0E Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK14K12B0A0E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K12B0A0E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K12B0A0E Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K12B0A0E Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K12B0A0E Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
381
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Application
A 14mm width potentiometer for audio, visual, electronic musical instruments
and various applications.
Number of
resistor
elements
Mounting
direction
Vertical
type
Horizontal
type
Shaft
type
Flat
Length
of the shaft
LM1
(mm)
15
22.5
25
20
25
20
25
27.5
32.5
27.5
Center
detent
Without
Without
Without
With
With
Total
resistance
(kΩ)
10
50
10
100
10
100
50
10
50
10
20
50
10
50
1B
15A
1B
15A
Without
With
Without
With
RK14K1230A2X
RK14K1230A0X
RK14K12C0A1S
RK14K12C0A0T
RK14K1240062
RK14K1240036
RK14K1240D04
RK14K1240A4S
RK14K12D0A1X
RK14K12D0A18
RK14K12A0A3C
RK14K1210A1B
RK14K1220A0F
RK14K1220024
RK14K1220A25
RK14K12B0A0E
RK14K12B0A0R
1,200
800
1,000
800
1,000
800
1,200
800
1,000
2
4
1
3
Resistance
taper
Bushing
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
Dual-unit
(Not applicable
to DC
Refer to P.383 for product varieties.
1. Products other than those listed in above products are also available. Please contact us for details.
2. Nut and washer are not attached. Please specify if required.
Notes
Typical Specifications
Items
Total resistance tolerance
Total rotational angle
Rotational torque
Operating life
Operating temperature range
Specifications
±20%
300
±5°
3
to 20mN・m
15,000cycles
−10℃ to +70℃
Product Line
15
25
1B
15A
For tone
For vol.
For tone
For tone
For vol.
For vol.
1B
15A
14mm Size Insulated Shaft Snap-in Type
RK14K Series
Insulated Shaft Potentiometer


Similar Part No. - RK14K12B0A0E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K12B0A0E ALPS-RK14K12B0A0E Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK14K12B0A0E ETC-RK14K12B0A0E Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14K12B0A0E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com