Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK14K1210A1B Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K1210A1B
Description  14mm Size Insulated Shaft Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K1210A1B Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK14K1210A1B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K1210A1B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K1210A1B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K1210A1B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K1210A1B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
367
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Insulated Shaft Potentiometers
9mm Size
Insulated shaft
Long-life
12mmSize
Insulated
Shaft
Snap-in
−30±2℃
for 240h
70
±2℃
for 240h
70
±2℃
for 240h
List of Varieties
Type
Model
Items
Total
resistance tolerance
9mm Size Insulated Shaft
Snap-in
11mm Size
Insulated
Shaft
Snap-in
RK09K11
RK09D11
RK12L12
RK14K12
Single-unit
RK09K12
Dual-unit
±20%
±30%
±20%
±30%
Maximum operating voltage
50V AC
20V DC
50V AC
For AC only
50V AC
5V DC
50V AC
20V DC
50V AC For AC only
Insulation resistance
100M
Ω min. 250V DC
100M
Ω min.
500V DC
Voltage proof
250V AC for 1minute
500V AC
for 1minute
300V AC for 1minute
Gang error
−40dB to 0dB
3dB max.
Volume control
ー40dB to 0dB 3dB max.
For tone control
within 2dB at center
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z and for 2 hours respectively
Cold
−30±2℃ for 96h
Dry heat
70
±2℃ for 96h
40
±2℃, 90 to 95% RH for 96h
Damp heat
40
℃, 90 to 95%
RH for 240h
Resistance to
soldering
heat
Manual soldering
350
℃ max. 3s max.
Strength of
the actuator
Stopper strength
Push-pull strength
0.3N
・m
Without bushing
0.5N
・m
With bushing
0.6N
・m
50N max.
80N max.
30N max.
Single-unit
RK11K11
100M
Ω min. 250V DC
250V AC
for 1minute
0.5N
・m
Dual-unit
RK09Y11L
14mm Size
Insulated
Shaft
Snap-in
0.6N
・m
Dip Soldering
260
℃ max.
5s max.
Page
368
374
378
381
385
Bushing
Without
With/Without
Without
With/Without
Without
Photo
Insulated Shaft Potentiometers Cautions ……………………………………………………………………………386, 387
Single-unit
70
±2℃
for 96h


Similar Part No. - RK14K1210A1B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K1210A1B ALPS-RK14K1210A1B Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK14K1210A1B ETC-RK14K1210A1B Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14K1210A1B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com