Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK14K1230A0X Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K1230A0X
Description  14mm Size Insulated Shaft Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K1230A0X Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK14K1230A0X Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K1230A0X Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K1230A0X Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K1230A0X Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K1230A0X Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
384
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
14mm Size Insulated Shaft Snap-in Type Potentiometer
Length of the shaft
(LM1
(mm)
Length of the
shaft
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(1
5C)
Rotation travel (
%)
Term."1"
Term."3"
J
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 1 4 K 1 2 4 0
F 2 5
C 0
B 1 0 3
Detent
Model type
Code
1
2
Model type
Horizontal type without bushing for tone
3
Vertical type without bushing for tone
4
Vertical type with bushing for tone
Horizontal type with bushing for tone
A
B
Horizontal type without bushing for vol.
C
Vertical type without bushing for vol.
D
Vertical type with bushing for vol.
Horizontal type with bushing for vol.
Shaft type
Code
F
Shaft type
Flat
Resistance taper
*Only available in flat format.
Code
15
Length of the
shaft
15
20
20
Code
25
30
25
30
22
22.5
27
27.5
32
32.5
Total resistance
Code
C0
C1
Center detent
Without
With
Code
A
B
Resistance
taper
15A
1B
Resistance
taper
15C
Code
C
3B
V
Code
502
103
203
Total resistance
(kΩ)
5
10
20
Total resistance
(kΩ)
50
100
Code
503
104
B: For tone & general
(Model type : 1, 2, 3, 4)
V: For vol.
(Model type : A, B, C, D)
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK14K1230A0X

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K1230A0X ALPS-RK14K1230A0X Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK14K1230A0X ETC-RK14K1230A0X Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14K1230A0X

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com