Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE108539ZM+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE108539ZM+
Description  3A Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE108539ZM+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE108539ZM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 
                                                                                                                    
ACE1085
                        Technology
3A Low Dropout Linear Regulator
VER 1.2
3
Electrical Characteristics
TJ=25℃
Parameter
Symbol
Test Conditions
Min
Typ
Mum Unit
Reference
Voltage
Vref
Iout=10mA,Vin-Vout=3V,
10mA≤Iout≤3A ,1.5V≤Vin-Vout≤5V
1.238
1.225
1.25
1.25
1.262
1.275
V
ACE1085-1.80V, Iout=0mA,Vin=4.8V,Tj=25℃
10mA≤Iout≤3A ,3.4V≤Vin≤7V
1.782
1.764
1.80
1.80
1.818
1.836
V
ACE1085-2.50V, Iout=0mA,Vin=4.8V,Tj=25℃
10mA≤Iout≤3A ,4.1V≤Vin≤7V
2.475
2.45
2.50
2.50
2.525
2.55
V
ACE1085-3.3V,Iout=0mA,Vin=6.3V,Tj=25℃
10mA ≤Iout≤3A ,4.9V≤Vin≤8V
3.267
3.234
3.3
3.3
3.333
3.366
V
Output Voltage
Vout
ACE1085-5.0V, Iout=0mA,Vin=8.0V,Tj=25℃
10mA ≤Iout≤3A ,6.6V≤Vin≤10V
4.95
4.90
5.0
5.0
5.05
5.10
V
ACE1085-ADJ,Iout=10mA , 2.85V≤Vin≤10V
0.035
0.2
mV
ACE1085-1.8V, Iout=10mA, 3.4V≤Vin≤10V
1
5
mV 
ACE1085-2.5V, Iout=10mA, 4.1V≤Vin≤10V
1
5
mV 
ACE1085-3.3V, Iout=10mA, 4.9V≤Vin≤10V
1
5
mV 
Line Regulation
(Note1)
ΔVout
ACE1085-5.0V, Iout=10mA, 6.6V≤Vin≤10V
1
5
mV 
ACE1085-ADJ, Vin-Vout=3V, 10mA≤Iout≤3A
0.2
0.4
%
ACE1085-1.8V, Vin-Vout=3V, 0≤Iout≤3A
3
15
mV 
ACE1085-2.5V, Vin-Vout=3V, 0≤Iout≤3A
3
15
mV 
ACE1085-3.3V, Vin-Vout=3V, 0≤Iout≤3A
3
15
mV 
Load Regulation
(Note1,2)
ΔVout
ACE1085-5.0V, Vin-Vout=3V, 0≤Iout≤3A
3
15
mV 
Dropout Voltage
(Note3)
Vin-Vout
ΔVout, ΔVref =1%,Iout=3A
1.3
1.5
V
Current Limit
Vin-Vout=3V, Tj=25℃
3.2
4.5
A
Minimum Load
Current (Note4)
llimit
ACE1085-ADJ
3
10
mV
Quiescent
Current
Iq
Vin=10V
4
10
mV
Adjust Pin
Current
(Adjustable
Version)
IAdj
Vin=4.25V,Iout=10mA
45
110
uA
Ripple
Rejection
F=120Hz,Cout=25uF( tan),Iout=3A,Vin-Vout=3V
dB
Adjust Pin
Current Change
Ichange
10mA≤Iout≤3A, 1.5V≤Vin-Vout ≤6V
0.2
5
uA
Temperature
Stability
Iout=10mA, Vin-Vout=1.5V
0.5
%


Similar Part No. - ACE108539ZM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G15YM+H ACE-ACE1085G15YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G18YM+H ACE-ACE1085G18YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G25YM+H ACE-ACE1085G25YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G50YM+H ACE-ACE1085G50YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
More results

Similar Description - ACE108539ZM+

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com