Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE108539ZM+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE108539ZM+
Description  3A Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE108539ZM+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE108539ZM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
                                                                                                                    
ACE1085
                        Technology
3A Low Dropout Linear Regulator
VER 1.2
2
Fixed Version
Adjustable Version
Pin Symbol Definition
1
GND
Ground
2
Vout
Output
3
Vin
Input
Ordering information
Selection Guide
ACE1085 XX XX + H
Block Diagram
Recommended Work Conditions
Item
Min Nom Max Unit
Input Voltage Range
18
V
Environment Temperature
-50
140
Pin Symbol Definition
1
ADJ
Adjustable
2
Vout
Output
3
Vin
Input
Halogen - free
Output Voltage :
1.8V / 2.5V ….. 5.0V / Default: Adjustable Version
Pb - free
1WM : TO-263-2
2WM : TO-263-3L
YM : TO-252
ZM : TO-220


Similar Part No. - ACE108539ZM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G15YM+H ACE-ACE1085G15YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G18YM+H ACE-ACE1085G18YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G25YM+H ACE-ACE1085G25YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G50YM+H ACE-ACE1085G50YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
More results

Similar Description - ACE108539ZM+

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com