Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK09L1240A12 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L1240A12
Description  9mm Size Metal Shaft Snap-in Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L1240A12 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK09L1240A12 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L1240A12 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
326
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Orders For Specifications Not Listed In The Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 0 9 L 1 1 4 0
F 1 5
C 0
B 1 0 3
Detent
Code
C0
C1
Center detent
Without
With
Model type
Code
112
114
Model type
Single-unit horizontal type
122
Dual-unit horizontal type for tone
124
Dual-unit vertical type for tone
12B
Dual-unit horizontal type for vol.
12D
Dual-unit vertical type for vol.
Single-unit vertical type
Shaft type
Code
F
Shaft type
Flat
Length of the shaft
(L1
(mm)
Code
12
Length of the
shaft
12.5
15
15
Code
17
20
Length of the
shaft
17.5
Length of the
shaft
25
20
Code
25
Resistance taper
Total resistance
Code
502
103
203
Total resistance
(kΩ)
5
10
20
Total resistance
(kΩ)
50
100
Code
503
104
*Only available in flat format.
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
9mm Size Metal Shaft Snap-in Type Potentiometer
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(1
5C)
Rotation travel (
%)
Term."1"
Term."3"
J
B:For tone & general(model type : 112,114,122,124)
V:For vol.(model type : 112,114,12B,12D)
Code
A
B
Resistance
taper
15A
1B
Resistance
taper
3B
15C
Code
V
C
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK09L1240A12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L1240A12 ALPS-RK09L1240A12 Datasheet
972Kb / 6P
   Single-unit and dual-unit types suit a variety of controls
logo
List of Unclassifed Man...
RK09L1240A12 ETC-RK09L1240A12 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09L1240A12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com