Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK12L12C0C0V Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK12L12C0C0V
Description  12mm Size Insulated Shaft Snap-in Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK12L12C0C0V Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK12L12C0C0V Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK12L12C0C0V Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK12L12C0C0V Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK12L12C0C0V Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
380
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
12mm Size Insulated Shaft Snap-in Type Potentiometer
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(1
5C)
Rotation travel (
%)
Term."1"
Term."3"
J
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
R K 1 2 L 1 2 C 0
F 3 0
C 0
A 5 0 3
Detent
Model type
Code
1
3
Model type
Horizontal type for tone
A
Horizontal type for vol.
C
Vertical type for vol.
Vertical type for tone
Shaft type
Code
F
Shaft type
Flat
Resistance taper
*Only available in flat format.
Length of the shaft
(LM1
(mm)
Code
15
Length of the
shaft
15
20
20
Code
25
30
Length of the
shaft
25
30
Total resistance
Code
C0
C1
Center detent
Without
With
Code
A
B
Resistance
taper
15A
1B
Resistance
taper
15C
Code
C
3B
V
Code
502
103
203
Total resistance
(kΩ)
5
10
20
Total resistance
(kΩ)
50
100
200
Code
503
104
204
B: For tone & general
(Model type : 1,3)
V: For vol.
(Model type : A,C)
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK12L12C0C0V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L12C0C0V ALPS-RK12L12C0C0V Datasheet
705Kb / 5P
   High performance 12mm wide type
logo
List of Unclassifed Man...
RK12L12C0C0V ETC-RK12L12C0C0V Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK12L12C0C0V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com