Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2723D Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2723D
Description  High Speed Current Feedback Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2723D Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2723D Datasheet HTML 3Page - New Japan Radio NJM2723D Datasheet HTML 4Page - New Japan Radio NJM2723D Datasheet HTML 5Page - New Japan Radio NJM2723D Datasheet HTML 6Page - New Japan Radio NJM2723D Datasheet HTML 7Page - New Japan Radio NJM2723D Datasheet HTML 8Page - New Japan Radio NJM2723D Datasheet HTML 9Page - New Japan Radio NJM2723D Datasheet HTML 10Page - New Japan Radio NJM2723D Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJM2723
- 8 -
Ver.2009-10-28
■ TYPICAL CHARACTERISTICS
Slew Rate vs. Feedback Resistor RF
V
+/V-=±15V, Gv=+2, Ta=25ºC
(Measured from 20% to 80%)
0
250
500
750
1000
1250
1500
1750
2000
0.4k
0.8k
1.2k
1.6k
2.0k
Feedback Resistor RF [Ω]
fall
rise
Pulse Response
V
+/V-=±15V, Gv=+2, R
F=680Ω, RL=1kΩ, CL=0pF, VO=10Vpp
50ns/div.
2.5V/div.
Input
Output
5V/div.
Pulse Response
V
+/V-=±5V, Gv=2, R
F=680Ω, RL=150Ω, CL=0pF, VO=2Vpp, Ta=25ºC
50ns/div.
Input
Output
0.5V/div.
1V/div.
Pulse Response
V
+/V-=±15V, Gv=-1, R
F=680Ω, RL=1kΩ, CL=0pF, VO=10Vpp
50ns/div.
5V/div.
Input
Output
5V/div.
Pulse Response
V
+/V-=±5V, Gv=-1, R
F=680Ω, RL=150Ω, CL=0pF, VO=2Vpp, Ta=25ºC
50ns/div.
Input
Output
1V/div.
1V/div.


Similar Part No. - NJM2723D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2720E NJRC-NJM2720E Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722E NJRC-NJM2722E Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results

Similar Description - NJM2723D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Analog Devices
OP-260 AD-OP-260 Datasheet
763Kb / 6P
   DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
5/90,Rev.C1
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
[Old version datasheet]   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com