Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK09L114001T Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L114001T
Description  9mm Size Metal Shaft Snap-in Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L114001T Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK09L114001T Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L114001T Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L114001T Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L114001T Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L114001T Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L114001T Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
321
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Bushing screw clamp
Type
Number of drive shafts
Model
Photo
Fixing method of bushing
Terminal mounting
Attached switch
Gang error applicable to
Dual-unit parts for audio
volume control purposes
ページ
9mm size metal
shaft snap-in
Single-shaft
RK09L1
The bushing can be screwed down
Horizontal type Vertical type
Without
−40dB to 0dB
3dB max.
323
9mm size metal shaft
multi-ganged
Dual-shaft
RK0971
RK0981
RK0972
Bushing screw clamp
Horizontal type
Rotary switch
※1
Push-on push-off switch
※1
Momentary push switch
※1
327
11mm size metal
shaft reflow
Single-shaft
RK117111
Bushing guide type
Vertical type
Momentary push switch
339
16mm size metal
shaft
RK1631
□1
RK1631
□A
Horizontal type
Without
−40dB to 0dB
3dB max.
348
RK119
343
1.
※1. For the switch attached, the single-shaft or inner shaft of the dual-shaft type can be chosen.
2. The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Notes
Metal Shaft Potentiometers Attached Parts …………………………………………………………………………363
Metal Shaft Potentiometers Cautions ……………………………………………………………………………364, 365
350
℃ max. 3s max.
350
±10℃
3s
+1
0
350
℃max.3smax.
Motor terminal : 350
$max2smax.
260
±5℃, 5±1s
Manual
soldering
Dip soldering
Please see P.347
Reflow soldering
Page
0.9N
・m
0.5N
・m
5k
Ω≦R< 10kΩ
70dB min.
10k
Ω≦R< 50kΩ
80dB min.
50k
Ω≦R<100kΩ
90dB min.
100k
Ω≦R
100dB min.
Operating emperature range
−10℃ to +70℃
−20℃ to +70℃
−30℃ to +70℃ −40℃ to +85℃ −10℃ to +70℃
0.05W
R
≦10kΩ
20
Ωmax.
10k
Ω< R<50kΩ
30
Ωmax.
50k
Ω≦ R
Nominal total resistance of 0.1% or less
R
≦10kΩ 50Ωmax.
10k
Ω<R≦50kΩ 80Ωmax.
50k
Ω<R
Nominaltotalresistanceof0.2%orless
R
≦10kΩ 20Ωmax.
10k
Ω<R≦50kΩ 30max.
50k
Ω<R
Nominaltotalresistanceof0.1%orless
100M
Ω min. 250V DC
100M
Ω min.
500V DC
300V AC for 1minute
500V AC
for 1minute
0.5N
・m(With push-lock mechanism type: 0.4N·m)
80N max.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z and for 2 hours respectively
−20℃±2℃
for 96h
−30±2℃ for 96h
−40±2℃
for 240h
−20±2
for 96h
70
±2℃ for 96h
70
±2℃
for 96h
85
±2℃
for 240h
40
±2℃, 90 to 95%RH for 96h
40
±2℃,
90
to 95%RH for 96h
60
±2℃,
90
to 95%RH for 240h
100N max.
Rated power
Residual
resistance
Maximum
attenuation
(Volume
control
Insulation
resistance
Voltage
proof
Stopper strength
Push-pull strength
Vibration
Cold
Dry heat
Damp heat
11mm size metal
shaft low-profile
Items
RK097
RK117
RK119
Single pole and single throw
(Push on)
Contact arrangement
0.5
1.5
0.5
1.5
0.5
±0.3
1.5
±0.5
4 +4
−2
5
±2
6
±3
5
±2
4
±2
Travel
(mm)
Operating force
(N)
0.5A 12V DC
3A 16V DC
Rating
100m
Ωfor initial period;200mΩafter operating life
0.1A 5V DC
(1mA 5V DC min.ratings)
Contact resistance
10,000 times
min.
20,000 times
min.
10,000 times
min.
20,000 times
min.
100,000
times min.
20,000 times
min.
Operating life
Push-on Switch Specifications
List of Varieties
Metal Shaft Potentiometers


Similar Part No. - RK09L114001T

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L114001T ALPS-RK09L114001T Datasheet
972Kb / 6P
   Single-unit and dual-unit types suit a variety of controls
logo
List of Unclassifed Man...
RK09L114001T ETC-RK09L114001T Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09L114001T

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com