Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B84299K0033 Datasheet(PDF) 6 Page - EPCOS

Part No. B84299K0033
Description  EMC filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299K0033 Datasheet(HTML) 6 Page - EPCOS

Back Button B84299K0033 Datasheet HTML 2Page - EPCOS B84299K0033 Datasheet HTML 3Page - EPCOS B84299K0033 Datasheet HTML 4Page - EPCOS B84299K0033 Datasheet HTML 5Page - EPCOS B84299K0033 Datasheet HTML 6Page - EPCOS B84299K0033 Datasheet HTML 7Page - EPCOS B84299K0033 Datasheet HTML 8Page - EPCOS B84299K0033 Datasheet HTML 9Page - EPCOS B84299K0033 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4-line filters
B84299K0033 … K0039
for installations and systems
B84299K0036 (25 A)
LINE
16
Screw-type cable fitting PG 11
L1’
N’
L3’
L2’
L3
L1
N
L2
(cable diameter 9 ... 15 mm)
Terminal blocks 4 mm 2
Tightening torque 0.8 ... 1.0 Nm
ø17 with edge protector
Hole in case ø20
236
11
214±0.3
4 x ø7
SSB1101-Z-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn