Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED16-48LFXIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8CLED16-48LFXIT
Description  EZ-Color??HB-LED Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED16-48LFXIT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8CLED16-48LFXIT Datasheet HTML 2Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 3Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 4Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 5Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 6Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 7Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 8Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 9Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
CY8CLED16
Document Number: 001-13105 Rev. *C
Page 6 of 43
Additional System Resources
System Resources, some of which have been previously listed,
provide additional capability useful to complete systems.
Resources include a multiplier, decimator, switch mode pump,
low voltage detection, and power on reset. Statements
describing the merits of each system resource are presented
below.
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Multiply accumulate (MAC) provides fast 8-bit multiplier with
32-bit accumulate, to assist in general math and digital filters.
The decimator provides a custom hardware filter for digital
signal, processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are all
supported.
Low Voltage Detection (LVD) interrupts can signal the appli-
cation of falling voltage levels, while the advanced POR (Power
On Reset) circuit eliminates the need for a system supervisor.
An internal 1.3 voltage reference provides an absolute
reference for the analog system, including ADCs and DACs.
An integrated switch mode pump (SMP) generates normal
operating voltages from a single 1.2V battery cell, providing a
low cost boost converter.
EZ-Color Device Characteristics
Depending on your EZ-Color device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks and 12, 6, or 4
analog blocks. The following table lists the resources available for specific EZ-Color device groups. The device covered by this data
sheet is shown in the highlighted row of the table.
Getting Started
The quickest way to understand the device is to read this data
sheet and then use the PSoC Designer Integrated Development
Environment (IDE). This data sheet is an overview of the
EZ-Color integrated circuit and presents specific pin, register,
and electrical specifications. For in depth information, along with
detailed programming information, see the PSoC Programmable
System-on-Chip Technical Reference Manual.
For up-to-date ordering, packaging, and electrical specification
information, see the latest device data sheets on the web at
http://www.cypress.com/ez-color.
Application Notes
A long list of application notes will assist you in every aspect of
your design effort. To view the application notes, go to the
http://www.cypress.com web site and select Application Notes
under the Documentation tab.
Development Kits
Development Kits are available from the following distributors:
Digi-Key, Avnet, Arrow, and Future. The Cypress Online Store
contains development kits, C compilers, and all accessories for
PSoC development. Go to the Cypress Online Store web site at
http://www.cypress.com/store, click Lighting & Power Control to
view a current list of available items.
Training
Free technical training (on demand, webinars, and workshops)
is available online at www.cypress.com/training. The training
covers a wide variety of topics and skill levels to assist you in
your designs.
Cypros Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed designs. To contact or become a PSoC
Consultant go to www.cypress.com/cypros.
Solutions Library
Visit our growing library of solution focused designs at
www.cypress.com/solutions. Here you can find various appli-
cation designs that include firmware and hardware design files
that enable you to complete your designs quickly.
Technical Support
For assistance with technical issues, search KnowledgeBase
articles and forums at www.cypress.com/support. If you cannot
find an answer to your question, call technical support at
1-800-541-4736.
Table 1. EZ-Color Device Characteristics
Part Number
CY8CLED02
2
16
1
4
8
0
2
4
256 Bytes
4K
No
CY8CLED04
4
56
1
4
48
2
2
6
1K
16K
Yes
CY8CLED08
8
44
2
8
12
4
4
12
256 Bytes
16K
No
CY8CLED16
16
44
4
16
12
4
4
12
2K
32K
No
[+] Feedback


Similar Part No. - CY8CLED16-48LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED16-48LFXIT CYPRESS-CY8CLED16-48LFXIT Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
More results

Similar Description - CY8CLED16-48LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED02 CYPRESS-CY8CLED02_10 Datasheet
931Kb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04_10 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08_11 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED16_1106 CYPRESS-CY8CLED16_1106 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
logo
Maxim Integrated Produc...
MAX25611A MAXIM-MAX25611A Datasheet
1Mb / 25P
   Automotive High-Voltage HB LED Controller
Rev 1; 1/19
logo
Shenzhen Huazhimei Semi...
HM2803 HMSEMI-HM2803 Datasheet
1Mb / 8P
   HB-LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com