Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED04-68LTXIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8CLED04-68LTXIT
Description  EZ-Color??HB LED Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED04-68LTXIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8CLED04-68LTXIT Datasheet HTML 6Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 7Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 8Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 9Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 10Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 11Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 12Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 13Page - Cypress Semiconductor CY8CLED04-68LTXIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CY8CLED04
Document Number: 001-13108 Rev. *C
Page 10 of 37
Register Conventions
This section lists the registers of the CY8CLED04 EZ-Color device.
Abbreviations Used
The register conventions specific to this section are listed in the following table.
Register Mapping Tables
The device has a total register address space of 512 bytes. The register space is referred to as I/O space and is divided into two
banks. The XOI bit in the Flag register (CPU_F) determines which bank the user is currently in. When the XOI bit is set the user is in
Bank 1.
Note In the following register mapping tables, blank fields are Reserved and should not be accessed.
Convention
Description
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific
Table 3. Register Map Bank 0 Table: User Space
Name
Addr (0,Hex)
Access
Name
Addr (0,Hex)
Access
Name
Addr (0,Hex) Access
Name
Addr (0,Hex) Access
PRT0DR
00
RW
PMA0_DR
40
RW
ASC10CR0
80
RW
C0
PRT0IE
01
RW
PMA1_DR
41
RW
ASC10CR1
81
RW
C1
PRT0GS
02
RW
PMA2_DR
42
RW
ASC10CR2
82
RW
C2
PRT0DM2
03
RW
PMA3_DR
43
RW
ASC10CR3
83
RW
C3
PRT1DR
04
RW
PMA4_DR
44
RW
ASD11CR0
84
RW
C4
PRT1IE
05
RW
PMA5_DR
45
RW
ASD11CR1
85
RW
C5
PRT1GS
06
RW
PMA6_DR
46
RW
ASD11CR2
86
RW
C6
PRT1DM2
07
RW
PMA7_DR
47
RW
ASD11CR3
87
RW
C7
PRT2DR
08
RW
USB_SOF0
48
R
88
C8
PRT2IE
09
RW
USB_SOF1
49
R
89
C9
PRT2GS
0A
RW
USB_CR0
4A
RW
8A
CA
PRT2DM2
0B
RW
USBI/O_CR
0
4B
#
8B
CB
PRT3DR
0C
RW
USBI/O_CR
1
4C
RW
8C
CC
PRT3IE
0D
RW
4D
8D
CD
PRT3GS
0E
RW
EP1_CNT1
4E
#
8E
CE
PRT3DM2
0F
RW
EP1_CNT
4F
RW
8F
CF
PRT4DR
10
RW
EP2_CNT1
50
#
ASD20CR0
90
RW
CUR_PP
D0
RW
PRT4IE
11
RW
EP2_CNT
51
RW
ASD20CR1
91
RW
STK_PP
D1
RW
PRT4GS
12
RW
EP3_CNT1
52
#
ASD20CR2
92
RW
D2
PRT4DM2
13
RW
EP3_CNT
53
RW
ASD20CR3
93
RW
IDX_PP
D3
RW
PRT5DR
14
RW
EP4_CNT1
54
#
ASC21CR0
94
RW
MVR_PP
D4
RW
PRT5IE
15
RW
EP4_CNT
55
RW
ASC21CR1
95
RW
MVW_PP
D5
RW
PRT5GS
16
RW
EP0_CR
56
#
ASC21CR2
96
RW
I2C_CFG
D6
RW
PRT5DM2
17
RW
EP0_CNT
57
#
ASC21CR3
97
RW
I2C_SCR
D7
#
18
EP0_DR0
58
RW
98
I2C_DR
D8
RW
19
EP0_DR1
59
RW
99
I2C_MSCR
D9
#
1A
EP0_DR2
5A
RW
9A
INT_CLR0
DA
RW
1B
EP0_DR3
5B
RW
9B
INT_CLR1
DB
RW
PRT7DR
1C
RW
EP0_DR4
5C
RW
9C
INT_CLR2
DC
RW
PRT7IE
1D
RW
EP0_DR5
5D
RW
9D
INT_CLR3
DD
RW
PRT7GS
1E
RW
EP0_DR6
5E
RW
9E
INT_MSK3
DE
RW
PRT7DM2
1F
RW
EP0_DR7
5F
RW
9F
INT_MSK2
DF
RW
DBB00DR0
20
#
AMX_IN
60
RW
A0
INT_MSK0
E0
RW
DBB00DR1
21
W
AMUXCFG
61
RW
A1
INT_MSK1
E1
RW
DBB00DR2
22
RW
62
A2
INT_VC
E2
RC
DBB00CR0
23
#
ARF_CR
63
RW
A3
RES_WDT
E3
W
DBB01DR0
24
#
CMP_CR0
64
#
A4
DEC_DH
E4
RC
Blank fields are Reserved and should not be accessed.
# Access is bit specific.
[+] Feedback


Similar Part No. - CY8CLED04-68LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED04-68LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED02 CYPRESS-CY8CLED02_10 Datasheet
931Kb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16_10 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08_11 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED16_1106 CYPRESS-CY8CLED16_1106 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
logo
Maxim Integrated Produc...
MAX25611A MAXIM-MAX25611A Datasheet
1Mb / 25P
   Automotive High-Voltage HB LED Controller
Rev 1; 1/19
logo
Shenzhen Huazhimei Semi...
HM2803 HMSEMI-HM2803 Datasheet
1Mb / 8P
   HB-LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com