Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101Q1-LHXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B101Q1-LHXIT
Description  1 Mbit (128K x 8) Serial SPI nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101Q1-LHXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B101Q1-LHXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101Q1-LHXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CY14B101Q1
CY14B101Q2
CY14B101Q3
Document #: 001-50091 Rev. *D
Page 7 of 24
SPI Modes
CY14B101Q1/CY14B101Q2/CY14B101Q3 may be driven by a
microcontroller with its SPI peripheral running in either of the
following two modes:
SPI Mode 0 (CPOL=0, CPHA=0)
SPI Mode 3 (CPOL=1, CPHA=1)
For both these modes, input data is latched-in on the rising edge
of Serial Clock (SCK) starting from the first rising edge after CS
goes active. If the clock starts from a HIGH state (in mode 3), the
first rising edge, after the clock toggles, is considered. The output
data is available on the falling edge of Serial Clock (SCK).
The two SPI modes are shown in Figure 5 and Figure 6. The
status of clock when the bus master is in Standby mode and not
transferring data is:
SCK remains at 0 for Mode 0
SCK remains at 1 for Mode 3
CPOL and CPHA bits must be set in the SPI controller for either
Mode 0 or Mode 3. The device detects the SPI mode from the
status of SCK pin when the device is selected by bringing the CS
pin LOW. If SCK pin is LOW when device is selected, SPI Mode
0 is assumed and if SCK pin is HIGH, it works in SPI Mode 3.
Figure 4. System Configuration Using SPI nvSRAM
x
Q
1
0
1
B
4
1
Y
C
x
Q
1
0
1
B
4
1
Y
C
uC o n tr olle r
SC K
MO S I
MIS O
SI
SO
O
S
I
S
K
C
SS C K
CS
HO L D
HO L D
CS
CS 1
CS 2
HO L D 1
HO L D 2
Figure 5. SPI Mode 0
LSB
MSB
7
654
32
10
CS
SCK
SI
0
1
2
3
4
5
6
7
Figure 6. SPI Mode 3
CS
SCK
SI
7
654
32
10
LSB
MSB
0
12
3
4
56
7


Similar Part No. - CY14B101Q1-LHXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1-LHXIT CYPRESS-CY14B101Q1-LHXIT Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
More results

Similar Description - CY14B101Q1-LHXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com