Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

968EMG0007 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 968EMG0007
Description  Embedded GPS Module with Patch Antenna
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

968EMG0007 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  968EMG0007 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Core Services
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
GPS-100
Embedded GPS Module with Patch Antenna
GPS-101
Low Power and Small Form Factor GPS
Module with Patch Antenna
Features
SiRF star III 20-channel chipset
-159 dBm high GPS sensitivity
6-pin wire to board connector
Backup battery installed
35 x 30 x 6.5 mm (L x W x H)
Patch Antenna 25 x 25 x 2 mm
Operating Temperature -40 ~ + 85° C
Introduction
GPS-100 is a smart antenna GPS module (patch antenna embedded, and external antenna
supported). It is powered by SiRF Star III technology with a proprietary navigation algorithm
that provides extra stable navigation data.
Specifications
Receiver Type
GPS L1 frequency, 1575.42, C/A code
Time-To-First-Fix
Cold Start 42 s
Warm Start 35 s
Hot Start 1 s
Sensitivity
Acquisition -130 dBm
Velocity Accuracy
0.1 m/s
Heading Accuracy
0.5 degrees
Voltage Type
3.3 +/- 5%
Dynamics
< 4 g
Operational Limits
Velocity 514 m/s
Weight
< 16.5 g
Software Specifications
Detects GPS Signal Strength
Detects Satellites
Parses NMEA Protocols
Packing List
Description
Quantity
Embedded GPS Module with Patch Antenna
x 1
CD-ROM (User's Manual; Utility)
x 1
Ordering Information
Part Number
Specifications
968EMG0006
Embedded GPS Module
RoHS
COMPLIANT
2002/95/EC
Features
SiRF star III single chip
Patch antenna with external antenna
20 satellite tracking channels
NMEA-0183 compliant protocol
7-pin box header
42.5 x 14 x 3.5 mm (L x W x H)
Operating Temperature -25 ~ + 85° C
Introduction
This small form factor and parallel design is a great choice for embedding in a limited-
space system. The excellent sensitivity of GPS-101 delivers outstanding performance
even in urban environments or heavy foliage.
Specifications
Receiver Type
GPS L1 frequency, 1575.42, C/A code
Time-To-First-Fix
Cold Start 35 s
Warm Start 35 s
Hot Start 1 s
Sensitivity
Acquisition -130 dBm
Reacquisition
0.1 sec typical
Position Accuracy
10 meters at 2D RMS
Voltage Type
DC 3.3 +/- 5%
Dynamics
< 4 g
Operational Limits
Velocity 514 m/s
Weight
8.3 g
Software Specifications
Detects GPS Signal Strength
Detects Satellites
Parses NMEA Protocols
Packing List
Description
Quantity
Embedded GPS module with patch antenna
x 1
CD-ROM (User's Manual; Utility)
x 1
Ordering Information
Part Number
Specifications
968EMG0007
EmbSiRF GPS
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - 968EMG0007

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
968EMG0008 ADVANTECH-968EMG0008 Datasheet
314Kb / 1P
   GPS Module with Dead Reckoning Sensor
More results

Similar Description - 968EMG0007

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
GXB5210 SONY-GXB5210 Datasheet
204Kb / 13P
   Antenna Embedded GPS Receiver Module
GXB5205 SONY-GXB5205 Datasheet
203Kb / 13P
   Antenna Embedded GPS Receiver Module
logo
Quectel Wireless Soluti...
L80 QUECTEL-L80 Datasheet
1Mb / 2P
   Compact GPS Module Integrated with Patch Antenna
L80-R QUECTEL-L80-R Datasheet
1Mb / 2P
   Compact GPS Module Integrated with Patch Antenna
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
   CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
   GPS Embedded Antenna
logo
Raltron Electronics Cor...
RPA-GP-P-16-OPT-G RALTRON-RPA-GP-P-16-OPT-G Datasheet
147Kb / 2P
   GPS PATCH ANTENNA
RPA-GP-P-18-G RALTRON-RPA-GP-P-18-G Datasheet
163Kb / 2P
   GPS PATCH ANTENNA
RPA-GP-P-25-OPT-G RALTRON-RPA-GP-P-25-OPT-G Datasheet
144Kb / 1P
   GPS PATCH ANTENNA
RPA-PB0B3-G-001 RALTRON-RPA-PB0B3-G-001 Datasheet
178Kb / 2P
   GPS PATCH ANTENNA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com