Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE2304BM+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2304BM+
Description  N-Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2304BM+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2304BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2304BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2304BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2304BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2304BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2304BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2304BM+ Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE2304
Technology
N-Channel Enhancement Mode MOSFET
VER 1.2
3
Dynamic
Total Gate Charge
Qg
4.5
10
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
VDS=15V, VGS=10V, ID=2.5
1.0
nC
Input Capacitance
Ciss
240
Output Capacitance
Coss
110
Reverse Transfer Capacitance
Crss
VDS=15V, VGS=0V, f=1MHz
17
pF
td(on)
8
20
Turn-On Time
tr
12
30
td(off)
17
35
Turn-Off Time
tf
VDD=15RL=15, ID=1.0A, VGEN=10,
RG=6Ω
8
20
nS
Typical Performance Characteristics
Output Characteristics
Transfer Characteristics
VDS-Drain-to-Source Voltage (V)
VGS-Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
Capacitance
ID-Drain Current (A)
VDS-Drain-to-Source Voltage (V)


Similar Part No. - ACE2304BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2304BM+H ACE-ACE2304BM+H Datasheet
584Kb / 7P
   N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE2304BM+

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com