Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1117 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1117
Description  1A Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1117 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
                                                                                                                    
ACE1117
                        Technology
1A Positive Voltage Regulators
VER 1.3
3
Note1: Low duty cycle pulse testing with which TJ remains unchanged.
2: The IQ of ACE1117-1.5 is 1.2mA (Typ.)
3: The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input
Typical Application
Adjustable Voltage Regulator
Vin>=3.0V
ACE1117
Vout=1.5V
Vin
Vout
ADJ
R1
Cin
124ohm
Cout
10uF
22uF
R2
24.9ohm
VOUT=VREF * (1+R2/R1)+IADJ * R2
ACE1117-3.3
Fixed Voltage Regulator
Application Hints
The typical Linear regulator would require external capacitors to ensure stability. However, ACE1117 is
designed in such a way that these external capacitor can be omitted if the PCB layout is tight and system
noise is not very high. For better transient and PSRR performance, the Input and Output capacitors are still
recommended.
Input Capacitor
An input capacitor of 10μF is recommended. Ceramic or Tantalum can be used. The value can be
increased without upper limit.


Similar Part No. - ACE1117

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715XM+H ACE-ACE111715XM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715YM+H ACE-ACE111715YM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111718XM+H ACE-ACE111718XM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111718YM+H ACE-ACE111718YM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
More results

Similar Description - ACE1117

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117_12 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com