Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE150R Datasheet(PDF) 1 Page - Transys Electronics

Part # TE150R
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

TE150R Datasheet(HTML) 1 Page - Transys Electronics

  TE150R Datasheet HTML 1Page - Transys Electronics TE150R Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TE150R THRU TE158R
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
1.5 ampere operation at TA=55 with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
Fast switching for high efficiency
l
Glass passivated junction in DO-15 package
MECHANICAL DATA
Case: Molded plastic, DO-15
Terminals: axial leads, solderable per MIL-STD-202,
Method 208
Polarity: denotes cathode
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
TE150R TE151R TE152R TE154R TE156R TE158R UNITS
Peak Reverse Voltage, Repetitive; VRM
50
100
200
400
600
800
V
Maximum RMS Voltage
35
70
140
280
420
560
V
DC Reverse Voltage; VR
50
100
200
400
600
800
V
Average Forward Current, IO @ TA=55 3.8”lead
length 60 Hz, resistive or inductive load
1.5
A
Peak Forward Surge Current, IFM (surge) 8.3msec.
single half sine wave superimposed on rated
load(JECEC method)
50
A
Maximum Forward Voltage VF @1.5A, 25
1.3
V
Maximum Reverse Current, @Rated Ta=25
Reverse Voltage Ta=100
5.0
150
A
Typical Junction capacitance (Note 1) CJ
25
PF
Typical Thermal Resistance (Note 2) R JA
45
/W
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
150
150
150
150
250
500
ns
Operating and Storage Temperature Range
-55 to +150
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length P.C.B. mounted
DO-15


Similar Part No. - TE150R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Topstek Inc.
TE150A TOPSTEK-TE150A Datasheet
105Kb / 2P
   Topstek Current Transducers
More results

Similar Description - TE150R

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N4942G GOOD-ARK-1N4942G Datasheet
156Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
General Semiconductor
GI810 GE-GI810 Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
1N4942 GE-1N4942 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Pan Jit International I...
PG100RS PANJIT-PG100RS Datasheet
57Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGP20A VISHAY-RGP20A Datasheet
81Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
PG200R TAYCHIPST-PG200R Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
GI810 VISHAY-GI810 Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com