Electronic Components Datasheet Search |
|
ACE301C12AM+ Datasheet(PDF) 1 Page - ACE Technology Co., LTD. |
|
ACE301C12AM+ Datasheet(HTML) 1 Page - ACE Technology Co., LTD. |
1 / 19 page ACE301 Technology High-precision Low Voltage Detector VER 1.3 1 Description ACE301 is a series of high precision voltage detector with ultra low current consumption (500nA typ. at Vdd=3.0V). It can work at very low voltage, which makes it perfect for system reset. ACE301 is composed of high precision voltage reference, comparator, output driver and resistor array. Internally preset detect voltage has a low temperature drift and requires no external trimming. Two type of output, CMOS and N-channel open-drain are available. ACE301 is available in SOT-89-3, SOT-23-3 TO-92, SOT23-5, packages which is Pb free. Features • High-precision detection Voltage: ±2% • Detection Voltage:0.9V~6.0V (in 0.1V steps) • Precise hysteresis:4% typ. • Operating Voltage range:0.7V~10V • Ultra-low current consumption:500nA typ. (at V DD= 3.0V) • Two Output forms: CMOS and N-channel open-drain Application • Power monitor for portable equipment such as PDA, DSC, Mobile phone, Notebook, MP3 • CPU and Logic Circuit Reset • Battery Checker • Battery Back-up Circuit • Power Failure Detector Absolute Maximum Ratings Parameter Symbol Max Unit Input Voltage -0.3~12 V Output Voltage -0.3~12 V Maximum Output current 70 mA Maximum power dissipation 150 mW Ambient temperature -40~+70 ℃ Storage temperature -40~125 ℃ |
Similar Part No. - ACE301C12AM+ |
|
Similar Description - ACE301C12AM+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |