Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X8388-C Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # X8388-C
Description  ADSL Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

X8388-C Datasheet(HTML) 1 Page - Coilcraft lnc.

  X8388-C Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL Interface Transformers
Document 255
Specifications subject to change without notice.
Document 255
Revised 11/02/04
These transformers provide coupling and line isolation
for ADSL interfaces using the Virata Beryllium chip set.
They feature very low leakage inductance, stable pri-
mary inductance from -40°C to +85°C and longitudinal
balance optimized for the best overall performance at
ADSL transmission speeds.
In addition to the standard model shown, Coilcraft can
provide custom transformers with other turns ratios.
For free evaluation samples or to discuss custom de-
signs, contact Coilcraft or visit www.coilcraft.com.
1. All electrical specifications referenced to line side.
2. Operating temperature range -40°C to +85°C.
3. Electrical specifications at 25°C.
Line side
Leakage
Part
inductance
inductance
DCR max (Ohms)
number
Style
Chip set
(mH)
max (µH)
Chip side
Line side
X8388-C
SMT
Virata Beryllium
600 ±5%
6
1.27 (7-6), 1.19 (9-8)
1.16 (2-3, 4-5)
Dielectric
Longitudinal
Part
strength
Turns ratio
balance
Designed
number
(V)
line : chip
min (dB)
to meet
X8388-C
2300
1 : 1.21
45 (20 kHz – 600 kHz)
UL 1950
For Virata
Beryllium chipset
A max B max
C max
E
F typ
G typ
0.530
0.699
0.500
0.590
0.098
0.061 × 0.050
13,46
17,75
12,70
14,99
2,50
1,55 × 1,27
Tape and reel:
175/13
″ reel 32 mm tape width
For packaging data see Tape and Reel Specifications section.
Recommended
Land Pattern
A
Dot above pin1
C
B
E
F
G
6
10
5
1
8
6
3
5
9
7
2
4
Line side
Chip side


Similar Part No. - X8388-C

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
X8390-A COILCRAFT-X8390-A Datasheet
60Kb / 1P
   xDSL Interface Transformers
X8390-A COILCRAFT-X8390-A Datasheet
129Kb / 1P
   xDSL Interface Transformers
X8390-A COILCRAFT-X8390-A_12 Datasheet
129Kb / 1P
   xDSL Interface Transformers
More results

Similar Description - X8388-C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78421A1704A003 EPCOS-B78421A1704A003 Datasheet
69Kb / 2P
   xDSL Transformers ADSL Interface
B78421P1486A005 EPCOS-B78421P1486A005 Datasheet
58Kb / 2P
   xDSL Transformers ADSL Interface
B78417A1671A003 EPCOS-B78417A1671A003 Datasheet
58Kb / 3P
   xDSL Transformers ADSL Interface
B78421P1482A005 EPCOS-B78421P1482A005 Datasheet
58Kb / 2P
   xDSL Transformers ADSL Interface
logo
Rhombus Industries Inc.
EP13 RHOMBUS-IND-EP13 Datasheet
36Kb / 1P
   ADSL Line Interface Transformers
logo
EPCOS
B78417A1698A003 EPCOS-B78417A1698A003 Datasheet
55Kb / 2P
   xDSL Transformers ADSL Interface
logo
Rhombus Industries Inc.
T-1115 RHOMBUS-IND-T-1115 Datasheet
35Kb / 1P
   ADSL Line Interface Transformers
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A Datasheet
134Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1_1 Datasheet
92Kb / 1P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com