Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT44L-115ML Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # SPT44L-115ML
Description  SMT Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SPT44L-115ML Datasheet(HTML) 3 Page - Coilcraft lnc.

  SPT44L-115ML Datasheet HTML 1Page - Coilcraft lnc. SPT44L-115ML Datasheet HTML 2Page - Coilcraft lnc. SPT44L-115ML Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 280-3
Document 280-3
Revised 10/20/08
SMT Power Inductors - SPT Series
70
60
50
40
30
20
10
0
SPT50L-163
SPT50L-263
SPT50L-205
SPT50L-733
0
12
3
4
56
7
89
10
Current (A rms)
70
60
50
40
30
20
10
0
SPT30L-522
SPT30L-123
SPT30L-174
SPT30L-353
0
12
3
4
56
7
89
10
Current (A rms)
70
60
50
40
30
20
10
0
SPT38L-382
SPT38L-752
SPT38L-223
SPT38L-674
SPT38L-733
0
12
3
4
56
7
89
10
Current (A rms)
70
60
50
40
30
20
10
0
SPT44L-792
SPT44L-143
SPT44L-115
SPT44L-413
0
12
3
4
56
7
89
10
Current (A rms)
SPT38L-294
70
60
50
40
30
20
10
0
0
12
3
4
56
7
89
10
Current (A rms)
SPT20L-112
SPT20L-702
SPT20L-233
70
60
50
40
30
20
10
0
0
24
10
6
12
814
16
Current (A rms)
SPT44H-422
SPT44H-282
70
60
50
40
30
20
10
0
0
24
10
6
12
814
16
Current (A rms)
SPT50H-842
SPT50H-652
70
60
50
40
30
20
10
0
0
24
10
6
12
814
16
Current (A rms)
SPT68H-183
SPT68H-113
Typical Temperature Rise vs Current*
* Measured at 25°C ambient.


Similar Part No. - SPT44L-115ML

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPT400PFB SPI-SPT400PFB Datasheet
69Kb / 1P
   400 Watts AT Switching Power Supply
logo
List of Unclassifed Man...
SPT401-DMX ETC2-SPT401-DMX Datasheet
434Kb / 2P
   SPT401-DMX
2007
logo
Solid States Devices, I...
SPT420 SSDI-SPT420 Datasheet
233Kb / 2P
   NPN HIGH VOLTAGE HIGH SPEED POWER TRANSISTOR 40 AMPS, 1000V
SPT4624 SSDI-SPT4624 Datasheet
174Kb / 2P
   10 AMP NPN HIGH VOLTAGE POWER SWITCHING TRANSISTORS
SPT4625 SSDI-SPT4625 Datasheet
174Kb / 2P
   10 AMP NPN HIGH VOLTAGE POWER SWITCHING TRANSISTORS
More results

Similar Description - SPT44L-115ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com