Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE722A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE722A
Description  2A PWM BUCK DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE722A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE722A
Technology
2A PWM BUCK DC-DC Converter
VER 1.2
1
Description
ACE722A is a 420kHz fixed frequency PWM buck (step-down) DC-DC converter, capable of driving a 2A
load with high efficiency, low ripple and excellent line and load regulation. The device includes a voltage
reference, an oscillation circuit, an error amplifier, an internal PMOS and etc.
The PWM control circuit is able to adjust the duty ratio linearly from 0 to 100%. The enable function, over
current protection function, short circuit protection function and soft-start function are built inside. When
OCP or SCP happens, the operation frequency will be reduced from 420kHz to 40kHz. An internal
compensation block is employed to minimize external components.
The ACE722A serves as an ideal power supply unit for portable devices, especially for chip set power in
portable systems. It’s widely used for PDVD, LCD monitor and DPF chip set powers.
Features
2A Constant Output Current
130mΩ R
DSON Internal Power MOSFET Switch
Up to 94% Efficiency
Fixed 420kHz Frequency
Wide 4.75V to 25V Input Voltage Range
Output Voltage Adjustable from 0.8V to 21V
Built in Thermal Shutdown Function
Built-in Current Limit Function
Built-in Soft-Start Function
Support Ceramic or Electrolytic Capacitors
Application
Portable DVE
LCD Monitor/LCD TV
Digital Photo Frame
ADSL
Set-up Box
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage
VIN
-0.3 to 30
V
FB Pin Voltage
VFB
-0.3 to 6
V
EN Pin Voltage
VEN
-0.3 to VIN
V
COMP Pin Voltage
VCOMP
-0.3 to 6
V
SW Pin Voltage
VSW
-0.3 to VIN
V
Power Dissipation
PD
Internally Limited mW
Thermal Resistance (Junction to Ambient, No Heat Sink, Free AIR)
θJA
100
OC/W
Operating Junction Temperature
TJ
150
OC
Storage Temperature
TSTG
-65 to 150
OC
Lead Temperature (Soldering, 10sec)
TLEAD
260
OC
ESD (Human Body Model)
ESD
2000
V


Similar Part No. - ACE722A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
   High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
   2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE7222CBNH ACE-ACE7222CBNH Datasheet
467Kb / 10P
   2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
   High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results

Similar Description - ACE722A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
   2A 420kHz PWM BUCK DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
   300KHz, 2A PWM Buck DC/DC Converter
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com