Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER2817H-223KL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER2817H-223KL
Description  SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2817H-223KL Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER2817H-223KL Datasheet HTML 1Page - Coilcraft lnc. SER2817H-223KL Datasheet HTML 2Page - Coilcraft lnc. SER2817H-223KL Datasheet HTML 3Page - Coilcraft lnc. SER2817H-223KL Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© Coilcraft, Inc. 2008
SMT Power Inductors - SER2800 Series
Specifications subject to change without notice.
Please check our website for latest information. Document 490-2
Revised 10/20/08
Document 490-2
Recommended
Land Pattern
0.004/0,102
SER28XXX
COILCRAFT
XX
1.10
27,9
max
0.76
19,3
0.150
3,8
0.270
6,9
1.100
27,94
0.160
4,06
0.240
6,10
max
Height
(See table)
max
0.190
4,83
0.210
5,33
0.220
5,59
0.455
11,56
CL
Maximum height
SER2814L
0.560 / 14,22
SER2817H
/
SER2814H
0.560 / 14,22
0.655 16,64
Temperature Rise vs Current
80
70
60
50
40
30
20
0
10
Current (A rms)
10
030
40
20
50
60
CurrentDerating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms


Similar Part No. - SER2817H-223KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2817H-223KL COILCRAFT-SER2817H-223KL Datasheet
147Kb / 4P
   Shielded Power Inductors ??SER2800
More results

Similar Description - SER2817H-223KL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com