Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER2915H-472KL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER2915H-472KL
Description  SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2915H-472KL Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER2915H-472KL Datasheet HTML 1Page - Coilcraft lnc. SER2915H-472KL Datasheet HTML 2Page - Coilcraft lnc. SER2915H-472KL Datasheet HTML 3Page - Coilcraft lnc. SER2915H-472KL Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
© Coilcraft, Inc. 2009
SMT Power Inductors - SER2900 Series
Document 644-2
Revised 11/30/09
Document 644-2
Recommended
Land Pattern
0.006/0,152
1.10
27,9
max
0.78
19,7
0.150
3,8
min
0.270
6,9
1.100
27,94
0.150
3,8
0.261 ±0.020
6,63 ±0,51
max
Height
(See table)
max
0.095
2,41
0.095
2,41
0.210
5,33
0.250
6,35
0.220
5,59
0.200
5,08
0.208
5,28
0.455
11,56
CL
CL
Maximum height
SER2915L
0.605 / 15,36
SER2915H
0.605 / 15,36
SER2918H
/
0.700 17,78
SER29XXX
COILCRAFT
XX
Pad is for mounting stability only.
Do not connect to ground
or other circuits.
Temperature Rise vs Current
80
70
60
50
40
30
20
0
10
Current (A rms)
10
030
40
20
50
60
Current Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Dimensions are in
inches
mm


Similar Part No. - SER2915H-472KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2915H-472KL COILCRAFT-SER2915H-472KL Datasheet
418Kb / 4P
   Extremely low DCR; Current handling to >100 Amps
More results

Similar Description - SER2915H-472KL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com