Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER2010-681ML Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # SER2010-681ML
Description  SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2010-681ML Datasheet(HTML) 3 Page - Coilcraft lnc.

  SER2010-681ML Datasheet HTML 1Page - Coilcraft lnc. SER2010-681ML Datasheet HTML 2Page - Coilcraft lnc. SER2010-681ML Datasheet HTML 3Page - Coilcraft lnc. SER2010-681ML Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© Coilcraft, Inc. 2009
SMT Power Inductors - SER2000 Series
Specifications subject to change without notice.
Please check our website for latest information. Document 349-2
Revised 10/20/08
LvsFrequency
Document 349-3
0.1
1
100
10
Frequency (MHz)
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
0.3 µH
1.2 µH
2.0 µH
0.5 µH
0.6 µH
0.8 µH
0.9 µH
1.0 µH
0.68 µH
0.1
1
100
10
Frequency (MHz)
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
2.0 µH
0.3 µH
0.5 µH
0.6 µH
0.68 µH
0.8 µH
0.9 µH
1.0 µH
1.2 µH
0.1
1
100
10
Frequency (MHz)
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
2.0 µH
0.5 µH
0.6 µH
0.68 µH
0.8 µH
0.9 µH
1.0 µH
1.2 µH
0.1
1
100
10
Frequency (MHz)
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
2.0 µH
0.6 µH
0.68 µH
0.8 µH
0.9 µH
1.0 µH
1.2 µH
0.1
1
100
10
Frequency (MHz)
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
0.68 µH
0.8 µH
0.9 µH
1.0 µH
1.2 µH
4.7 µH
3.6 µH
2.0 µH
0.1
1
100
10
Frequency (MHz)
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
2.0 µH
4.0 µH
0.8 µH
0.9 µH
1.0 µH
1.2 µH
SER2010
SER2011
SER2012
SER2013
SER2014
SER2009


Similar Part No. - SER2010-681ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2010-601ML COILCRAFT-SER2010-601ML Datasheet
417Kb / 4P
   Flat wire windings provide exceptionally low DCR
More results

Similar Description - SER2010-681ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com