Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER1590-102ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER1590-102ML
Description  SMT Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER1590-102ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER1590-102ML Datasheet HTML 1Page - Coilcraft lnc. SER1590-102ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 289-1
Revised 10/20/08
SMT Power Inductor – SER1590 Series
Document 289 -1
Inductance2
DCR typ3
DCR max3
SRF typ4
Isat5
Irms6
Part number1
±20% (µH)
(mOhms)
(mOhms)
(MHz)
(A)
(A)
SER1590-301ML_
0.30
0.66
0.72
260
50
32
SER1590-501ML_
0.50
0.87
0.94
202
36
27
SER1590-601ML_
0.60
0.87
0.94
182
32
27
SER1590-681ML_
0.68
0.87
0.94
160
27
27
SER1590-801ML_
0.80
0.87
0.94
123
24
27
SER1590-901ML_
0.90
1.08
1.15
160
27
22
SER1590-102ML_
1.0
0.87
0.94
115
20
27
SER1590-122ML_
1.2
1.08
1.15
90
19
22
SER1590-152ML_
1.5
1.08
1.15
73
17
22
Designed for high current, low voltage power supply ap-
plications, the SER1590 Series offers unmatched electri-
cal performance in an extremely robust package.
With their heavy flat wire windings, these inductors have
exceptionally low DC resistance and offer saturation current
ratings up to 50 Amps. Winding to core isolation
is 300 Vrms.
1. When ordering, please specify termination and packaging codes:
SER1590-102M
LD
Termination: L = RoHS compliant tin-silver over copper.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/
HP 4284A LCR meter or equivalent.
3. DCR measured on a Keithley 580 micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and
Coilcraft SMD-D test fixture.
5. DC current at which the inductance drops 10% (typ) from its value
without current.
6. Current that causes a 40°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C366 contains 4 of each value
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS tin silver over copper. Other terminations
available at additional cost.
Weight 4.14 – 5.2 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250 per 13
″ reel; Plastic tape: 32 mm wide, 0.4 mm thick,
32 mm pocket spacing, 10.4 mm pocket depth
PCB washing Only pure water or alcohol recommended


Similar Part No. - SER1590-102ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER1590-102ML COILCRAFT-SER1590-102ML Datasheet
472Kb / 2P
   Shielded Power Inductors
SER1590-102MLB COILCRAFT-SER1590-102MLB Datasheet
200Kb / 1P
   Kit Contents for C366, SER1590 High Current Power Inductors 9 values, 4 of each
SER1590-102MLB COILCRAFT-SER1590-102MLB Datasheet
212Kb / 2P
   Shielded Power Inductors - SER1590
SER1590-102MLD COILCRAFT-SER1590-102MLD Datasheet
212Kb / 2P
   Shielded Power Inductors - SER1590
More results

Similar Description - SER1590-102ML

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com