Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-5120-A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCE-5120-A2E
Description  LGA775 Core??2 Duo Processor Card with PCI Express/VGA/Dual GbE LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-5120-A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCE-5120-A2E Datasheet HTML 1Page - Advantech Co., Ltd. PCE-5120-A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Single Board Computers
Features
PCE-5120-A2E
LGA775 Core™ 2 Duo Processor
Card with PCI Express/VGA/Dual
GbE LAN
Complies with PICMG 1.3
Supports LGA 775 Intel® Core™ 2 Duo with 1066/800/533 MHz FSB
Supports dual-channel DDR2 533/667 SDRAM up to 4 GB
One PCIe x16 and four PCIe x1 links to backplane
Dual Gigabit Ethernet via two PCIe x1 ports
Onboard IPMI module (optional)
Four SATA2 channels with software RAID 0, 1, 5 and 10
NEW
Specifications
Processor System
CPU
Intel Core 2 Duo
Pentium Dual-Core
Celeron 400 Sequence
Max. Speed
E6700 (2.66 GHz)
E2220 (2.40 GHz)
440 (2 GHz)
L2 Cache
4 MB
1 MB
512 KB
Chipset
Intel 945G + ICH7R
BIOS
Award 4 Mb FWH
Front Side Bus
1066/800/533 MHz
Bus
PCI Express
One x16 & four x1 to backplane
PCI
Four 32-bit/33 MHz PCI Masters to Backplane
Memory
Technology
Dual-channel DDR2 533/667 MHz DIMMs
Max. Capacity
4 GB
Socket
240-pin DIMM x 4
Graphics
External Card
PCI Express x16 Graphics card
Chipset Integrated
Intel Graphics Media Accelerator 950
VRAM
Shared with 224 MB system memory
Video Output
15-pin CRT connector x 1
Ethernet
Interface
10/100/1000Base-T
Controller
LAN1: Intel 82573V (PCI Express x1)
LAN2: Intel 82573V (PCI Express x1)
Connector
RJ-45 with LED connector x 2
SATA2
Max. Data Transfer Rate
300 MB/s
Channel
4 on SHB; supports software RAID 0, 1, 5 and 10
EIDE
Mode
ATA 100/66/33
Channel
1 (supports up to 2 IDE devices including 1 optional type II CF card)
I/O Interface
USB
Max. 8 (USB 2.0 compliant) 4 on SHB by Pin Header, 4 to Backplane
Serial
4 (RS-232) with Pin Header (COM2 can be configured to RS-232/422/485)
Parallel
1 (EPP/ECP)
FDD
1
PS/2
1 (Y cable for mouse and keyboard included)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable 1, 2, 4, 8,…, 256 sec
Miscellaneous
Audio Output
AC97 audio interface (requires an audio extension module P/N: PCA-AUDIO-00A1E)
Power Requirement
Test Conditions
Intel Core 2 Duo Desktop Processor E6400; DDR2 667 MHz 1 GB x 4
Voltage
+12 V
+5 V
+3.3 V
+5 VSB
-12 V
-5 V
Typical Current
5 A
3 A
11 A
0.7 A
0 A
0 A
Environment
Operating
Non-Operating
Temperature
0 ~ 55° C (32 ~ 131° F), depends on CPU’s speed
-20 ~ 80° C (-4 ~ 176° F)
Physical
Dimensions (L x W)
338.58 x 126.39 mm (13.3" x 4.98")
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PCE-5120-A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5124 ADVANTECH-PCE-5124 Datasheet
310Kb / 2P
   LGA775 Core??2 Quad CPU Card with PCI Express / IPMI / VGA/ Dual GbE LAN / 6 COM Ports
PCE-5124F-00A1E ADVANTECH-PCE-5124F-00A1E Datasheet
310Kb / 2P
   LGA775 Core??2 Quad CPU Card with PCI Express / IPMI / VGA/ Dual GbE LAN / 6 COM Ports
PCE-5124G2-00A1E ADVANTECH-PCE-5124G2-00A1E Datasheet
310Kb / 2P
   LGA775 Core??2 Quad CPU Card with PCI Express / IPMI / VGA/ Dual GbE LAN / 6 COM Ports
PCE-5124G2-00A1E ADVANTECH-PCE-5124G2-00A1E Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad SHB with VGA/Dual GbE/6 COM Ports
PCE-5124VG-00A1E ADVANTECH-PCE-5124VG-00A1E Datasheet
310Kb / 2P
   LGA775 Core??2 Quad CPU Card with PCI Express / IPMI / VGA/ Dual GbE LAN / 6 COM Ports
More results

Similar Description - PCE-5120-A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5020 ADVANTECH-PCE-5020 Datasheet
368Kb / 2P
   LGA775 Intel짰 Core??2 Duo SHB with VGA/Dual GbE
PCE-5124 ADVANTECH-PCE-5124 Datasheet
310Kb / 2P
   LGA775 Core??2 Quad CPU Card with PCI Express / IPMI / VGA/ Dual GbE LAN / 6 COM Ports
PCE-5020 ADVANTECH-PCE-5020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SHB with VGA/Dual GbE
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
PCI-7020 ADVANTECH-PCI-7020 Datasheet
345Kb / 2P
   LGA775 Intel짰 Core??2 Duo PCI Half-size SBC with VGA/GbE LAN/SATA/DVI and SSD
15-July-2009
PCM-9590 ADVANTECH-PCM-9590 Datasheet
377Kb / 2P
   Intel짰 Core??2 Duo EBX SBC with VGA/ LVDS /Dual GbE LAN/ Audio/ PCI-104
1-July-2009
PCA-6011VG-00A1E ADVANTECH-PCA-6011VG-00A1E Datasheet
902Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
PCA-6011 ADVANTECH-PCA-6011_V01 Datasheet
676Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
13-SEP-2017
PCA-6194 ADVANTECH-PCA-6194 Datasheet
347Kb / 2P
   LGA775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor Card with IPMI/VGA/Dual GbE LAN (FSB 1066/800 MHz)
SIMB-U01-6VG00A1E ADVANTECH-SIMB-U01-6VG00A1E Datasheet
576Kb / 2P
   Intel짰 Core?? Quad LGA775, Core?? Duo MicroATX with VGA, 2 COM, and LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com