Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB1040L Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # PWB1040L
Description  Surface Mount Wideband RF Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PWB1040L Datasheet(HTML) 3 Page - Coilcraft lnc.

  PWB1040L Datasheet HTML 1Page - Coilcraft lnc. PWB1040L Datasheet HTML 2Page - Coilcraft lnc. PWB1040L Datasheet HTML 3Page - Coilcraft lnc. PWB1040L Datasheet HTML 4Page - Coilcraft lnc. PWB1040L Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© Coilcraft, Inc. 2010
Specifications subject to change without notice.
Please check our website for latest information.
Document 591-3
Revised 01/04/10
Document 591-3
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.001
0.01
0.1
1
10
100
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
Type A Transformers
PWB-1-A
3 dB bandwidth 0.08 - 450 MHz
PWB-1.5-A
3 dB bandwidth 0.03 - 300 MHz
PWB-2-A
3 dB bandwidth 0.05 - 200 MHz
PWB-4-A
3 dB bandwidth 0.15 - 500 MHz
PWB-16-A
3 dB bandwidth 0.05 - 80 MHz
PWB1010-1
3 dB bandwidth 0.03 - 250 MHz
PWB1015
3 dB bandwidth 0.07 - 225 MHz
PWB1040
3 dB bandwidth 0.15 - 400 MHz
PWB1010
3dBbandwidth0.0035-125MHz
Attenuation measured on a network analyzer (re: 50 Ohms)


Similar Part No. - PWB1040L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB1040L COILCRAFT-PWB1040L Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
PWB1040LB COILCRAFT-PWB1040LB Datasheet
221Kb / 5P
   Surface Mount Wideband RF Transformers
PWB1040LC COILCRAFT-PWB1040LC Datasheet
221Kb / 5P
   Surface Mount Wideband RF Transformers
PWB1040LD COILCRAFT-PWB1040LD Datasheet
221Kb / 5P
   Surface Mount Wideband RF Transformers
More results

Similar Description - PWB1040L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB-2-BLB COILCRAFT-PWB-2-BLB Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
TTWB1010LD COILCRAFT-TTWB1010LD Datasheet
230Kb / 5P
   Surface Mount Wideband RF Transformers
PWB-15-BLC COILCRAFT-PWB-15-BLC Datasheet
221Kb / 5P
   Surface Mount Wideband RF Transformers
1812WBT-3LB COILCRAFT-1812WBT-3LB Datasheet
236Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT COILCRAFT-1812WBT_16 Datasheet
269Kb / 2P
   Surface Mount Wideband RF Transformers
logo
List of Unclassifed Man...
Z9280-A ETC2-Z9280-A Datasheet
222Kb / 1P
   Surface Mount Wideband RF Transformers
logo
Coilcraft lnc.
TTWB-1-AL COILCRAFT-TTWB-1-AL Datasheet
239Kb / 5P
   Surface Mount Wideband RF Transformers
Z9280-AL COILCRAFT-Z9280-AL Datasheet
355Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT-1L COILCRAFT-1812WBT-1L Datasheet
124Kb / 2P
   Surface Mount Wideband RF Transformers
Z9280 COILCRAFT-Z9280_13 Datasheet
418Kb / 2P
   Surface Mount Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com