Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9562N-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9562N-S6A1E
Description  Intel짰 Atom N450/D510 EBX SBC with 3 LAN, 6 COM, 3 SATA, 8 USB2.0, UL60601 Isolation design, PC/104-Plus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9562N-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9562N-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9562N-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
Ordering Information
Model
CPU
CRT LVDS
Giga LAN1 Giga
LAN2
Giga LAN3
UL60601
HD
Audio USB 2.0 SATAII RS-232 RS-422/485 PC/104-Plus
Mini PCIe CF Thermal
PCM-9562N-S6A1E
Atom N450
1
1, 18-bit
1
1
Optional
Yes
8
3
3
2
Yes
1
1
Passive
PCM-9562D-S6A1E
Atom D510
1
1, 18-bit
1
1
Optional
Yes
8
3
3
2
Yes
1
1
Active
* For PCM-9562 with 3 LAN and 6 COM sku, pls contact with field sales rep. Minimum Order quantity is required.
(PCM-9562 has 3 LAN and 6COM sku with LAN3 and COM6 designed in for UL60601.)
PCM-9562
Optional Accessories
Part No.
Description
PCM-10586-9562E
Wiring kit for PCM-9562
1703100260
USB cable
CF-HDD-ADP
CompactFlash 50-pin to IDE 44-pin adapter
170304015K
AT Cable 4P x 2/4200-H-4P 15 cm
Embedded OS
Part No.
Description
OS
Win XPE
2070009030: XPE WES2009 Luna Pier V4.0 ENG
2070009031: XPE WES2009 Luna Pier V4.0 MUI24
SUSI
205E956000: SUSI 3.0 SW API for PCM-9562 B:20091009 XP
Packing List
Part No.
Description
Quantity
PCM-9562 SBC
x1
9689000002
Mini Jumper Pack
x1
2006956200
Startup Manual
x1
2066956200
Utility CD
x1
1700015741
ATX 5VSB CABLE
x1
Intel N450/ D510
Processor
SATA
Connector x 3
DDR2 (2 GB)
SODIMM x 1
DMI x 4 (Up to 1GB/S)
667 MHz
18 bit LVDS
Connector
VGA
Connector
ICH8M
LVDS
ALC888
Audio
Connecter
HD
Comapct Flash
(Type-II)
IDE
PCA9555PW
16 Bits
GPIO
LPC Super I/O
(SCH3106)
SIR
(Share from COM2)
LPT Port / FDD
Connecter
PS2 Keyboard/Mouse
COM2 Connecter
COM4, 5 Connecter
(RS422/485 only)
LPC
GLCI
Intel 82583V
PCIe x 1
LAN1 Connecter
LAN2 Connecter
FAN1
PCIe x 1
Mini PCIe
BIOS
Intel 82583V
PCIe x 1
LAN3 Connecter
FAN2
I2C
I2C Connector
COM1
Connecter
COM6
Connecter
Isolator
Isolator
Intel 82567V
Watchdog Timer
MAXIM6369 (for IWD)
COM3
Connecter
PCI-104
PC/104
PCI Bus
ITE8888G
ISA Bus
PCI Slot
USB 2.0
USB Port x 8
SMB Connector
SATA
SPI
SMB
SMB
Power
Power Type
AT / ATX (Both AT/ATX can support ACPI)
Power Supply Voltage
ATX: 12V ±10%, 5VSB ±5% (5V stand-by power is only for auto power off function)
AT: 12V ±10% only
Power Consumption (Typical)
PCM-9562N-S6A1E: 10.8 W (893 mA @ 12 V, 8 mA @ 5 VSB)
PCM-9562D-S6A1E: 13.6 W (1130 mA @ 12 V, 10 mA @ 5 VSB)
Power Consumption (Max, test in HCT)
PCM-9562N-S6A1E: 13.9 W (1159 mA @ 12 V, 6 mA @ 5 VSB)
PCM-9562D-S6A1E: 16.9 W (1404 mA @ 12 V, 8 mA @ 5 VSB)
Power Management
APM, ACPI
Battery
Lithium 3 V/196 Mah
Environment
Operation
Operating: 0 ~ 60° C (32 ~ 140° F) (operation humidity: 40° C @ 85% RH Non-Condensing)
Non-Operating: -40° C ~ 85° C and 60° C @ 95% RH Non-Condensing
Non-Operation
Operating: 0 ~ 60° C (32 ~ 140° F) (operation humidity: 40° C @ 85% RH Non-Condensing)
Non-Operating: -40° C ~ 85° C and 60° C @ 95% RH Non-Condensing
Physical Characteristics
Dimensions (L x W)
203 x 146 mm (8" x 5.75")
Weight
0.85 kg (1.87 lb) (with Heatsink)
Specifications Cont.


Similar Part No. - PCM-9562N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9562N-S6A1E ADVANTECH-PCM-9562N-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
PCM-9562N-S6A1E ADVANTECH-PCM-9562N-S6A1E Datasheet
752Kb / 2P
   Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
More results

Similar Description - PCM-9562N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9562 ADVANTECH-PCM-9562_15 Datasheet
752Kb / 2P
   Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
PCM-9562 ADVANTECH-PCM-9562_12 Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
PCM-3362 ADVANTECH-PCM-3362 Datasheet
765Kb / 2P
   Intel짰 Atom N450 PC/104-Plus SBC, CRT, LVDS, LAN, USB, COM, SATA, On-board Flash
20-Jan-2010
PCM-3362 ADVANTECH-PCM-3362_15 Datasheet
702Kb / 2P
   Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
PCM-9588 ADVANTECH-PCM-9588 Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
ARK-3360F ADVANTECH-ARK-3360F_15 Datasheet
776Kb / 2P
   Intel Atom N450/D510 with 3 GbE, Isolated COM
PCI-7031D-S6A1E ADVANTECH-PCI-7031D-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 PCI Half-size SBC with Onboard DDR2/VGA/LVDS/Dual GbE/SATA/COM
ARK-3360F ADVANTECH-ARK-3360F_14 Datasheet
602Kb / 2P
   Intel짰 Atom??N450/D510 with 3 GbE, Isolated COM & wide range power Fanless Box PC
AIMB-212_1206 ADVANTECH-AIMB-212_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN ports
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com