Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-7020 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-7020
Description  LGA775 Intel짰 Core??2 Duo PCI Half-size SBC with VGA/GbE LAN/SATA/DVI and SSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-7020 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-7020 Datasheet HTML 1Page - Advantech Co., Ltd. PCI-7020 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Single Board Computers
All product specifications are subject to change without notice
Last updated : 15-July-2009
Features
PCI-7020
LGA775 Intel® Core™ 2 Duo PCI Half-size SBC
with VGA/GbE LAN/SATA/DVI and SSD
Supports LGA 775 Intel Core 2 Duo FSB 1066 MHz processors
Supports Dual Channel DDR2 667 SDRAM up to 4 GB
Supports 6 USB 2.0 ports
Supports GbE LANs via PCIe x1 Lanes
Supports up to 6 COM, 4 x RS-485 w/Auto-Flow control or 4 x RS-232 by
COM Module
Note: Purchasing PCE-7020's proprietary CPU cooler from Advantech is a must.
Other brands' CPU coolers are NOT compatible with PCE-7020.
Specifications
Processor System
CPU
Core 2 Duo
FSB
1066 MHz
Max Speed
2.8 GHz
L2 Cache
4 MB
Chipset
F/VG Sku: Intel 945GC + ICH7R
LV Sku: Intel 945GC + ICH7
BIOS
AWARD 8 Mbit FWH
Bus
Front Side Bus
533/667/800/1066
PCI
32-bit/33 MHz
Memory
Technology
Dual-channel DDR2 533/667 MHz SDRAM SODIMM
Max. Cap.
4 GB
Socket
200-pin SODIMM x 2
Graphics
Controller
Chipset integrated VGA controller
VGA Mode: Up to 2048 x 1536 @ 75 Hz refresh
Integrated
Up to 2048 x 1536 @ 75 Hz refresh
VRAM
Shared with 256 MB system memory
DVI
Maximum pixel lock of 400 MHz up to 2048 x 1536 resolutions @ 75 Hz
Ethernet
Interface
10/100/1000 Mbps
Controller
F Sku: Intel 82574L x 1
VG Sku: Intel 82574L x 1
LV Sku: no LAN
Connector
RJ-45 with LED Connector x 1
SATA
Bandwidth
300 MB
Channel
3 (supports S/W RAID 0, 1; LV Sku has NO S/W RAID)
EIDE
Mode
-
Channel
-
I/O Interface
USB 2.0
6 ports (USB 2.0 compliant, 2 ports on rear I/O, 4 ports onboard by 2.0 mm pitch Box Header)
Serial
6 COM (2 x RS-232 onboard, 4 x RS-422/485 w/Auto-flow by PCA-COM485 module ;
4 x RS-232 by PCA-COM232 module)
Parallel
1 (EPP/ECP), 2.0 mm pitch pin header
PS/2
1 (for mouse and keyboard, a Y-cable is included in the package)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable 1, 2, 4, 8,…, 256 sec
Miscellaneous
Audio Output
Intel High Definition audio interface (requires an audio extension module P/N: PCA-AUDIO-HDA1E)
Solid State Disk
CompactFlash Socket (Type I/II)
Power Requirement
CPU/RAM
Core 2 Duo E7400 2.80 GHz + DDR2800 2 GB
Max
+12 V (4.38 A)
+5 V (4.86 A)
5 VSB (0.39 A)
Environment
Operating
Non-Operating (Storage)
Temperature
0 ~ 60° C (32 ~ 140° F), with appropriate CPU cooler
(operation humidity: 40° C @ 85% RH
Non-Condensing)
-40° C - 85° C and 60° C @ 95% RH
Non-Condensing
Physical
Dimensions
185 mm (L) x 122 mm (W) (7.3" x 4.8")
NEW


Similar Part No. - PCI-7020

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-7020VG-00A1E ADVANTECH-PCI-7020VG-00A1E Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
More results

Similar Description - PCI-7020

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
PCA-6010G2-00A2E ADVANTECH-PCA-6010G2-00A2E Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SBC with Dual GbE and DVI
PCA-6010 ADVANTECH-PCA-6010 Datasheet
387Kb / 2P
   LGA775 Intel짰 Core??2 Duo SBC with Dual GbE and DVI
21-May-2009
PCA-6011VG-00A1E ADVANTECH-PCA-6011VG-00A1E Datasheet
902Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
PCA-6011 ADVANTECH-PCA-6011_V01 Datasheet
676Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
13-SEP-2017
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
AIMB-566 ADVANTECH-AIMB-566 Datasheet
312Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo MicroATX with VGA/DVI, 2 COM, and LAN
24-Mar-2009
PCE-5020 ADVANTECH-PCE-5020 Datasheet
368Kb / 2P
   LGA775 Intel짰 Core??2 Duo SHB with VGA/Dual GbE
PCM-4390 ADVANTECH-PCM-4390 Datasheet
368Kb / 2P
   Onboard Intel짰 Core??Duo EPIC SBC with LVDS/ VGA/ 2 GbE LAN/8 GPIO/ 2 SATA
PCM-9590 ADVANTECH-PCM-9590 Datasheet
377Kb / 2P
   Intel짰 Core??2 Duo EBX SBC with VGA/ LVDS /Dual GbE LAN/ Audio/ PCI-104
1-July-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com