Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE50137AM+ Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE50137AM+
Description  250mA CMOS Low Dropout Voltage Low consumption Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50137AM+ Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE50137AM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50137AM+ Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
                                                                                                                      
ACE501
                        Technology
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
1
 
Description
ACE501 series is a group of positive voltage output, low power consumption, low dropout voltage, three
terminal regulator. It can provide 250mA output current when input / output voltage differential drops to
400mV (Vin=4.0V. Vout=3.0V).The very low power consumption of ACE501 (lq=3.0uA) can greatly
improve natural life of batteries.
ACE501 can provide output value in the range of 1.2V~6.0V in 0.1V steps. It also can customized on
command.
ACE501 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE501 has well load transient response and good temperature characteristic, which can assure the
stability of chip and power system, And it uses trimming technique to guarantee output voltage accuracy
within ±2%.
ACE501 is available in SOT-89-3. SOT-23-3 package which is lead free. It also can available in these
packages with lead.
Features
Low Power Consumption: 1.5uA (Typ)
Maximum Output Current: 250mA
Small Dropout Voltage 170mV@100mA (Vout=3.0V) / 400mV@250mA (Vout=3.0V)
Input Voltage Range: 1.5V~10V
Output Voltage Range: 1.2V~6.0V (customized on command in 0.1V steps)
High Accurate: ±2% (±1% customized)e
Output Current Limit
Application
Battery Powered equipment
Power Management of MP3. PDA. DSC. Mouse. PS2 Games
Reference Voltage Source
Regulation after Switching Power
Typical Performance Characteristic:
Output Voltage vs. Output Current (Vout=1.5V)
Output Current (mA)


Similar Part No. - ACE50137AM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50137AM+H ACE-ACE50137AM+H Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results

Similar Description - ACE50137AM+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
   250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
   36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com