Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE431SAEP+H Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE431SAEP+H
Description  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431SAEP+H Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE431SAEP+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431SAEP+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
 
                                                                                                                  
ACE431S
                        Technology
Adjustable Precision Shunt Regulator
VER 1.2
4
R1=10KΩ, R2=∞
Deviation of Reference
current over Full
Temperature Range
2
II(dev)
IKA=10mA,
R1=10KΩ, R2=∞,
TA=-40 to 85℃
-0.13
μA
Off-State cathode current
3
IOFF
VKA=18V, VREF=0
0.4
1.0
μA
Typical Circuit
Test Circuit 1: VKA=VREF
Test Circuit 2: VKA>VREF
Test Circuit 3: Off State Current


Similar Part No. - ACE431SAEP+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE431SAEP+H ACE-ACE431SAEP+H Datasheet
736Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.4
More results

Similar Description - ACE431SAEP+H

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com