Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24LC08FM+TH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24LC08FM+TH
Description  Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LC08FM+TH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24LC08FM+TH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LC08FM+TH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 
                                                                                      
ACE24(L)C02/04/08/16
                        Technology
Two-wire Serial EEPROM
VER 1.3
1
 
Description
The ACE24(L)C02/04/08/16 provides 2048 / 4096 / 8192 / 16384 bits of serial electrically erasable and
programmable read-only memory (EEPROM) organized as 256/512/1024/2048 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low-power and low-voltage
operations are essential.
Features
Low Operation Voltage:
ACE24C02/04/08/16 : Vcc=2.2V to 5.5V
ACE24LC02/04/08/16 : Vcc=1.7V to 3.6V
Internally Organized: 266x/(2K), 512x8(4K), 1024x8(8K) or 204/x8(16K)
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bi-directional Data Transfer Protocol
ACE24C02/04/08/16 :100kHz(2.2V) and 400kHz(5V) Compatibility
ACE24LC02/04/08/16 :1MHz (3.6V,2.7V,2.5V) and 400 kHz (1.7V) Compatibility
Write Protect Pin for Hardware Data Protection
8-byte Page(02), 16-byte Page (04,08,16) Write Modes
Partial Page Writes are Allowed
Self-timed Write Cycle (5 ms max)
High-reliability - Endurance: 1,000,000 Write Cycles
- Data Retention: 100 Years
PDIP-8,SOP-8,TSSOP-8 ROHS compliant Packages
Wafer Sales: available in inked wafer Form
Absolute Maximum Ratings
Operating Temperature
-55℃ to +125℃
Storage Temperature
-65℃ to +150℃
Voltage on Any Pin with Respect to Ground
-1.0V to +7.0V
Maximum Operating Voltage
ACE24(L)C02/04/08/16
6.25V
DC Output Current
5.0 mA
*Notice: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ACE24LC08FM+TH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24LC08FM+TH ACE-ACE24LC08FM+TH Datasheet
717Kb / 18P
   Two-wire Serial EEPROM
VER 1.6
More results

Similar Description - ACE24LC08FM+TH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com