Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCRJ458-1 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PCRJ458-1
Description  Filtered Modular Jacks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PCRJ458-1 Datasheet(HTML) 2 Page - Coilcraft lnc.

  PCRJ458-1 Datasheet HTML 1Page - Coilcraft lnc. PCRJ458-1 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Typical Impedance vs Frequency
Typical Attenuation*
0
10
20
30
40
50
0.1
1
10
100
1000
Common Mode
Differential Mode
Frequency (MHz)
0
10
20
30
40
50
0.1
1
10
100
1000
Common Mode
Differential Mode
Frequency (MHz)
Frequency (MHz)
10
8
6
4
2
0
0.1
1
10
100
1000
Frequency (MHz)
2.0
1.6
1.2
.8
.4
0
0.1
1
10
100
1000
Typical Impedance vs Frequency
Typical Attenuation*
Document 189-2
Document 189-2
Revised 04/07/09
-1 Series Performance
-2 Series Performance
*measured on Agilent/HP8753D network analyzer. Ref: 50 Ohms.


Similar Part No. - PCRJ458-1

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PCRJ458-1 COILCRAFT-PCRJ458-1 Datasheet
150Kb / 2P
   Filtered Modular Jacks ??PCRJ Series
More results

Similar Description - PCRJ458-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LCT TEC-LCT Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Tyco Electronics
RJ11-6N-B MACOM-RJ11-6N-B_11 Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1_13 Datasheet
150Kb / 2P
   Filtered Modular Jacks ??PCRJ Series
logo
Tyco Electronics
RJ11-2LC1-S MACOM-RJ11-2LC1-S Datasheet
249Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
RJ11-2LC1-S MACOM-RJ11-2LC1-S_11 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
TE Connectivity Ltd
RJ11-2LC1-S TEC-RJ11-2LC1-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
LC TEC-LC_V01 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com