Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE150450FM+H Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE150450FM+H
Description  150KHz,2A, PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150450FM+H Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE150450FM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150450FM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
4
Electrical Characteristics
TA=25℃, VIN=12V for 3.3V,5V, and Adjustable version and VIN=18V for the 12V version, Io = 0.5A, unless Otherwise
specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output
Voltage
VOUT
5.5V<VIN<22V, 0.2A<ILOAD<2A
3.168
3.3
3.432
V
Efficiency
ACE1501/2-3.3
η
VIN=12V,ILOAD=2A
-
75
-
%
Output
Voltage
VOUT
8V< VIN<22V , 0.2A<ILOAD<2A
4.800
5.0
5.200
V
Efficiency
ACE1501/2-5.0
η
VIN=12V,ILOAD=2A
-
80
-
%
Output
Voltage
VOUT
15V<VIN<22V , 0.2A<ILOAD<2A
11.52
12
12.48
V
Efficiency
ACE1501/2-1.2
η
VIN=16V,ILOAD=2A
-
89
-
%
Feedback
Voltage
VFB
5V<VIN<22V, 0.2A<ILOAD<2A
1.193 1.230 1.267
V
Efficiency
ACE1501/2-ADJ
η
VIN=12V,ILOAD=2A
-
74
-
%
Feedback bias Current
IFB
VFB = 1.3V
(Adjustable Only)
-
-10
-50
nA
Oscillator Frequency
FOSC
TJ=25 ℃
127
150
173
KHz
Oscillator Frequency OF Short
Circuit Protect
FSCP
When current limit occurred and
VFB<0.5V, TA=25℃
5
15
25
KHz
Saturation Voltage
VSAT
Io = 2A, No outside circuit and
VFB=0V force driver on
-
1.4
1.6
V
Max. Duty Cycle ( ON)
DC
VFB = 0V force driver on
-
100
-
%
Min. Duty Cycle ( OFF)
DC
VFB = 12V force driver off
-
0
-
%
Current Limit
ILIMIT
Peak current, No outside circuit and
VFB= 0V force driver on
3.6
4.5
5.5
A
Output Leakage Current No outside
circuit VFB=12V force driver off,
VOUT=0V
-
-
-200
Output Leakage Current
ILEAK
VIN=22V, VOUT=-1V
-5
-
30
µA
Quiescent Current
IQ
VFB = 12V force driver off
-
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF Pin=5V,VIN=22V
-
70
156
µA
VIL
Low(Regulator(ON)
-
0.6
ON/OFF Pin Logic Input
Threshold Voltage
VIH
High(Regulator(OFF)
2.0
1.3
-
V
VIL
VLOGIC=2.5V(OFF)
-0.01
ON/OFF Pin Logic Input Current
VIH
VLOGIC=0.5V(ON)
-0.1
-1
µA


Similar Part No. - ACE150450FM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1500B ACE-ACE1500B Datasheet
758Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501E FAIRCHILD-ACE1501E Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM FAIRCHILD-ACE1501EM Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM8 FAIRCHILD-ACE1501EM8 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Similar Description - ACE150450FM+H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com