Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0972-AL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # C0972-AL
Description  SMT Power Magnetics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C0972-AL Datasheet(HTML) 2 Page - Coilcraft lnc.

  C0972-AL Datasheet HTML 1Page - Coilcraft lnc. C0972-AL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
SMT Power Magnetics for ON Semiconductor NCP1216A
Specifications subject to change without notice.
Please check our website for latest information.
Document 418-2
Document 418-2
Revised 01/23/09
B0754-AL Inductor
Inductance1
Part
at 0 A
DCR max2
Isat3
Irms4
number
±10% (µH)
(Ohms)
(A)
(A)
B0754-AL
100
0.282
8.0
4.8
0.035
0,90
1.280
32,51
max
0.545
13,84
max
0.004 /0,10
Dot above pin1
1.060
26,92
1.024
26,00
0.043
1,10
0.196
4,98
max
10
1
5
6
10
0.108
2,74
1
1.10
27,94
0.079
2,00
0.196
4,98
Recommended
Land Pattern
Bottom View
1
10
4
3
2
9
8
7
Windings to be
connected in parallel
on the PC board
1
10
100
1000
0.01
0.1
10
1
Frequency (MHz)
1
10
100
1000
0.1
1
100
10
Current (A)
0
10
20
30
40
50
60
70
01
2
3
4
5
6
7
Current (A)
Typical L vs Frequency
Typical L vs Current
Temperature Rise vs Current
1. Inductance measured at 10.0 kHz, 0.1 Vrms.
2. DCR is per winding.
3. Current at which inductance drops 10% (typ) from its value without
current.
4. Average current for a 40°C temperature rise above 25°C ambient.
5. Operating temperature range
−40°C to +85°C.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Weight:
27.4 g
Terminations: Tin-silver over tin over nickel over phos bronze
Packaging:
24 per tray


Similar Part No. - C0972-AL

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0972A GENERAL-C0972A Datasheet
84Kb / 1P
   4C 22AWG SR-PVC, OAS, PVC
More results

Similar Description - C0972-AL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580 Datasheet
490Kb / 9P
   POWER MAGNETICS
logo
Bel Fuse Inc.
0571-4000-01 BEL-0571-4000-01 Datasheet
62Kb / 2P
   POWER MAGNETICS
logo
Pulse A Technitrol Comp...
ER19 PULSE-ER19 Datasheet
1Mb / 3P
   POWER MAGNETICS
PA4330 PULSE-PA4330 Datasheet
1Mb / 3P
   POWER MAGNETICS
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Bel Fuse Inc.
0581-5999-05 BEL-0581-5999-05 Datasheet
35Kb / 2P
   POWER MAGNETICS Through Hole Inductor
logo
VITALCONN ELECTRONICS H...
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com