Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE150233FM+H Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE150233FM+H
Description  150KHz,2A, PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150233FM+H Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE150233FM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 11Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 12Page - ACE Technology Co., LTD. ACE150233FM+H Datasheet HTML 13Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
10
ACE150X Threshold voltage vs. Temperature,
ACE150X ON/OFF Current vs. ON/OFF Voltage
(Vcc=12V,Io=100mA)
(Vin=12V)
ACE150X Frequency vs. Temperature,
ACE150X Feedback Current vs. Temperature
(Vcc=12V,Io=100mA, Vout=5V)
(Vcc=12V,Vout=5V,VFB=1.3V)
ACE150X Output Voltage vs. Temperature,
(Vcc=12V,Io=2A)


Similar Part No. - ACE150233FM+H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EM FAIRCHILD-ACE1502EM Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EM8 FAIRCHILD-ACE1502EM8 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EM8X FAIRCHILD-ACE1502EM8X Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EMT FAIRCHILD-ACE1502EMT Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
More results

Similar Description - ACE150233FM+H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com