Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA110 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA110
Description  Audio and Wired-OR USB2.0 Hi-Speed(480Mbps) Switch with Negative Signal Capability and Built-in Termination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA110 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA110 Datasheet HTML 1Page - Fairchild Semiconductor FSA110 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
November 2009
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA110 Rev. 1.0.2
Click to see this datasheet
in Simplified Chinese!
FSA110 — Audio and Wired-OR USB2.0 Hi-Speed
(480Mbps) Switch with Negative Signal Capability and
Built-in Termination
Features
6pF Typical Switch Off Capacitance for HS USB
2.5Ω Typical On Resistance for Audio Signaling
Negative-Swing-Capable Audio Channel
Automatic USB Detection Available
Power-Off Protection on the D+/R, D-/L Ports
Flow-Through Pin Out Eliminates PCB Vias
Built-In Termination on Unselected Audio Paths
Inhibits Audio Pop
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
Description
The FSA110 is a Double-Pole, Single Throw (DPST)
switch that combines a low-distortion audio path with
low off capacitance for USB applications. This
configuration is ideal for wired-OR configurations,
enabling shared USB2.0 Hi-Speed (HS) and audio on a
single connector. The architecture is designed to allow
audio signals to swing below ground so a common USB
and headphone jack can be used for personal media
players and portable peripheral devices.
The FSA110 is configured for default USB transfer,
which gives the user control of when the audio path is
enabled. The audio path defaults to audio mute and is
enabled with /OE. The FSA110 includes a power-off
feature on the common port when VCC=0V to guarantee
signal isolation.
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Ordering Information
Part
Number
Top Mark
Eco Status
Package Description
FSA110K8X
A110
Green
8-Lead US8, JEDEC MO-187, Variation CA, 3.0mm Wide Package
FSA110UMX
GZ
Green
10-Lead Quad, Ultrathin MLP, 1.4 x 1.8mm
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html
VCC
/OE
R
L
D+/R
D-/L
Control
Block
Rpu
R T
RT
Figure 1.
Analog Symbol


Similar Part No. - FSA110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA110 FAIRCHILD-FSA110 Datasheet
389Kb / 2P
   Audio and Wired-OR USB2.0 Hi-Speed(480Mbps) Switch with Negative Signal Capability and Built-in Termination
FSA110K8X FAIRCHILD-FSA110K8X Datasheet
389Kb / 2P
   Audio and Wired-OR USB2.0 Hi-Speed(480Mbps) Switch with Negative Signal Capability and Built-in Termination
FSA110UMX FAIRCHILD-FSA110UMX Datasheet
389Kb / 2P
   Audio and Wired-OR USB2.0 Hi-Speed(480Mbps) Switch with Negative Signal Capability and Built-in Termination
More results

Similar Description - FSA110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA110 FAIRCHILD-FSA110 Datasheet
389Kb / 2P
   Audio and Wired-OR USB2.0 Hi-Speed(480Mbps) Switch with Negative Signal Capability and Built-in Termination
FSA321 FAIRCHILD-FSA321_12 Datasheet
590Kb / 12P
   USB2.0 Hi-Speed (480Mbps) and Audio Switches with Negative Signal Capability and Built-in Termination on Unselected Audio Paths
FSA321 FAIRCHILD-FSA321 Datasheet
447Kb / 2P
   USB2.0 Hi-Speed (480Mbps) and Audio Switches with Negative Signal Capability and Built-in Termination on Unselected Audio Paths
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com