Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6303 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS6303
Description  Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6303 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6303 Datasheet HTML 1Page - Fairchild Semiconductor FMS6303 Datasheet HTML 2Page - Fairchild Semiconductor FMS6303 Datasheet HTML 3Page - Fairchild Semiconductor FMS6303 Datasheet HTML 4Page - Fairchild Semiconductor FMS6303 Datasheet HTML 5Page - Fairchild Semiconductor FMS6303 Datasheet HTML 6Page - Fairchild Semiconductor FMS6303 Datasheet HTML 7Page - Fairchild Semiconductor FMS6303 Datasheet HTML 8Page - Fairchild Semiconductor FMS6303 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6303 • Rev. 1.0.1
4
Standard Definition (480i) Electrical Characteristics
Unless otherwise noted, TA=25°C, VCC=5V, RSOURCE=37.5Ω, all inputs AC coupled with 0.1µF, all outputs AC coupled
with 220µF into 150
Ω loads, referenced to 400kHz.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AVSD
Channel Gain Error
(3)
DC
-0.2
0
0.2
dB
f1dBSD
-1dB Bandwidth
(3)
5.2
7.0
MHz
fcSD
-3dB Bandwidth
(3)
6.5
8.0
MHz
fSBSD
Attenuation (Stopband Reject)
(3)
f=27MHz
45
50
dB
DG
Differential Gain
0.1
%
DP
Differential Phase
0.8
°
THD
Total Harmonic Distortion, Output VOUT=1.4VPP, 3.58MHz
0.25
%
XTALKSD
Crosstalk (ch-to-ch)
1MHz
-78
dB
SNR
Signal-to-Noise Ratio
(4)
NTC-7 Weighting, 100kHz to
4.2MHz
74
dB
tpdSD
Propagation Delay
Delay from Input to Output,
4.5MHz
65
ns
Notes:
3.
100% tested at 25°C.
4.
SNR=20 • log (714mV / rms noise).
Enhanced Definition (480p) Electrical Characteristics
Unless otherwise noted, TA=25°C, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled
with 220µF into 150
Ω loads, referenced to 400kHz.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AVED
Channel Gain Error
(5)
DC
-0.2
0
0.2
dB
f1dBSED
-1dB Bandwidth
(5)
10
14
MHz
fcED
-3dB Bandwidth
(5)
13
16
MHz
fSBED
Attenuation (Stopband Reject)
(5)
f=54MHz
37
50
dB
THD
Total Harmonic Distortion, Output VOUT=1.4VPP, 7MHz
0.1
%
XTALKED
Crosstalk (ch-to-ch)
1MHz
-70
dB
SNR
Signal-to-Noise Ratio
(6)
Unweighted; 100kHz to
15MHz
66
dB
tpdED
Propagation Delay
Delay from Input to Output,
10MHz
30
ns
Notes:
5.
100% tested at 25°C.
6.
SNR=20 • log (714mV / rms noise).


Similar Part No. - FMS6303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6303 ONSEMI-FMS6303 Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6303MTC1406X FAIRCHILD-FMS6303MTC1406X Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
ON Semiconductor
FMS6303MTC1406X ONSEMI-FMS6303MTC1406X Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
More results

Similar Description - FMS6303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6646 FAIRCHILD-FMS6646 Datasheet
1,011Kb / 12P
   Six Channel, SD/HD (1080p) Video Filter Driver
FMS6646 FAIRCHILD-FMS6646_09 Datasheet
446Kb / 12P
   Six Channel, SD/HD 1080p Video Filter Driver
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
logo
SG Micro Corp
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com