Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC7570S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMC7570S
Description  N-Channel Power Trench짰 SyncFET 25 V, 40 A, 2 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC7570S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMC7570S Datasheet HTML 1Page - Fairchild Semiconductor FDMC7570S Datasheet HTML 2Page - Fairchild Semiconductor FDMC7570S Datasheet HTML 3Page - Fairchild Semiconductor FDMC7570S Datasheet HTML 4Page - Fairchild Semiconductor FDMC7570S Datasheet HTML 5Page - Fairchild Semiconductor FDMC7570S Datasheet HTML 6Page - Fairchild Semiconductor FDMC7570S Datasheet HTML 7Page - Fairchild Semiconductor FDMC7570S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.fairchildsemi.com
3
FDMC7570S Rev.C
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
01
23
45
0
30
60
90
120
V
GS = 3.3 V
V
GS = 4.5 V
V
GS = 10 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
V
GS = 2.7 V
V
GS = 3 V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
306090
120
0
1
2
3
4
5
6
V
GS = 4.5 V
V
GS = 2.7 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 3 V
V
GS = 3.3 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
ID = 27 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
2
468
10
0
2
4
6
8
10
TJ = 125 oC
ID = 27 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
30
60
90
120
TJ = 125 oC
VDS = 5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.00.2
0.40.6
0.81.0
1.2
0.01
0.1
1
10
100
200
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMC7570S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7572S FAIRCHILD-FDMC7572S Datasheet
323Kb / 8P
   N-Channel Power Trench짰 SyncFETTM 25 V, 40 A, 3.15 m廓
More results

Similar Description - FDMC7570S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7572S FAIRCHILD-FDMC7572S Datasheet
323Kb / 8P
   N-Channel Power Trench짰 SyncFETTM 25 V, 40 A, 3.15 m廓
FDMC7660S FAIRCHILD-FDMC7660S Datasheet
377Kb / 8P
   N-Channel Power Trench짰 SyncFET 30 V, 20 A, 2.2 m廓
FDMS86102LZ FAIRCHILD-FDMS86102LZ Datasheet
306Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 22 A, 25 m廓
FDMC8015L FAIRCHILD-FDMC8015L Datasheet
304Kb / 7P
   N-Channel Power Trench짰 MOSFET 40 V, 18 A, 26 m廓
FDT86246 FAIRCHILD-FDT86246 Datasheet
232Kb / 6P
   N-Channel Power Trench짰 MOSFET 150 V, 2 A, 236 m廓
FDMB3900AN FAIRCHILD-FDMB3900AN Datasheet
250Kb / 7P
   Dual N-Channel Power Trench® MOSFETTM 25 V, 7.0 A, 23 mΩ
December 2011
FDMC8030 FAIRCHILD-FDMC8030 Datasheet
341Kb / 7P
   Dual N-Channel Power Trench짰 MOSFET 40 V, 12 A, 10 m廓
FDMC8678S FAIRCHILD-FDMC8678S Datasheet
282Kb / 8P
   N-Channel Power Trench짰 SyncFET TM 30V, 18A, 5.2m廓
FDMC8884 FAIRCHILD-FDMC8884_12 Datasheet
358Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 15 A, 19 m廓
FDMS8622 FAIRCHILD-FDMS8622 Datasheet
278Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16.5 A, 56 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com