Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS3314-103ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS3314-103ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS3314-103ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS3314-103ML Datasheet HTML 1Page - Coilcraft lnc. LPS3314-103ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Shielded SMT Power Inductors – LPS3314 Series
Document 541-2
Document 541-2
Revised 08/05/09
Typical L vs Current
Typical L vs Frequency
0.130 ±0.004
3,30 ±0,10
0.130 ±0.004
3,30 ±0,10
0.0512 ±0.004
1,30 ±0,10
0.063
1,60
Winding
direction
Dash
number
Internal
code
XXX X
0.146
3,70
0.146
3,70
0.104
2,65
0.104
2,65
Recommended
Land Pattern
0.063
1,60
0.098
2,50
0.098
2,50
0.024
0,60
45°
typ
0.063
1,60
0.01
0.1
110
Current (A)
0.1
1
10
10000
1000
100
1 µH
10 µH
3.3 µH
33 µH
100 µH
330 µH
1000 µH
0.01
0.1
110
Frequency (MHz)
0.1
1
10
10000
1000
100
1 µH
10 µH
3.3 µH
33 µH
100 µH
330 µH
1000 µH
Current Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Dimensions are in
inches
mm


Similar Part No. - LPS3314-103ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3314-103MLB COILCRAFT-LPS3314-103MLB Datasheet
151Kb / 2P
   Shielded Power Inductors - LPS3314
LPS3314-103MLC COILCRAFT-LPS3314-103MLC Datasheet
151Kb / 2P
   Shielded Power Inductors - LPS3314
LPS3314-103MLD COILCRAFT-LPS3314-103MLD Datasheet
151Kb / 2P
   Shielded Power Inductors - LPS3314
More results

Similar Description - LPS3314-103ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com