Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO6610-683ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPO6610-683ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO6610-683ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPO6610-683ML Datasheet HTML 1Page - Coilcraft lnc. LPO6610-683ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
SMTPowerInductors-LPO6610Series
Document 333-1
Document 333-1
Revised 10/15/08
L2
DCR
SRF
±20%
max
typ
Isat3
Irms4
Part number1
(µH)
(Ohms)
(MHz)
(A)
(A)
LPO6610-122ML_
1.2
0.08
190
2.1
1.7
LPO6610-152ML_
1.5
0.10
140
1.9
1.5
LPO6610-222ML_
2.2
0.12
115
1.6
1.4
LPO6610-332ML_
3.3
0.16
90
1.3
1.2
LPO6610-472ML_
4.7
0.20
88
1.1
1.1
LPO6610-682ML_
6.8
0.32
66
0.90
0.85
LPO6610-103ML_
10
0.41
55
0.80
0.75
LPO6610-153ML_
15
0.55
42
0.65
0.60
LPO6610-223ML_
22
0.85
38
0.50
0.52
LPO6610-333ML_
33
1.3
29
0.40
0.42
LPO6610-473ML_
47
1.8
22
0.35
0.36
LPO6610-683ML_
68
2.5
18
0.30
0.30
LPO6610-104ML_
100
3.5
14
0.25
0.26
LPO6610-154ML_
150
5.0
12
0.18
0.21
LPO6610-224ML_
220
7.0
10
0.16
0.18
LPO6610-334ML_
330
15.0
8
0.13
0.13
1. When ordering, please specify termination and packaging codes:
LPO6610-334M
LC
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP
4263B LCR meter or equivalent.
3. DC current at which the inductance drops 10% (typ) from its value
without current.
4. Current that causes a 40°C temperature rise from 25°C ambient.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C367 contains 3 each of all values
Core material Ferrite
Core and winding loss
See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 91.0 – 95.0 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″reel Plastic tape: 12 mm wide, 0.3 mm thick,
8 mm pocket spacing, 1.2 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Very low profile - only 1.0 mm high!
• Handles current up to 1.7 Amps rms


Similar Part No. - LPO6610-683ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO6013 COILCRAFT-LPO6013 Datasheet
209Kb / 2P
   SMT Power Inductors
LPO6013-103KL COILCRAFT-LPO6013-103KL Datasheet
209Kb / 2P
   SMT Power Inductors
LPO6013-104KL COILCRAFT-LPO6013-104KL Datasheet
209Kb / 2P
   SMT Power Inductors
LPO6013-105KL COILCRAFT-LPO6013-105KL Datasheet
209Kb / 2P
   SMT Power Inductors
LPO6013-152ML COILCRAFT-LPO6013-152ML Datasheet
209Kb / 2P
   SMT Power Inductors
More results

Similar Description - LPO6610-683ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com