Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPR4012-223BML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPR4012-223BML
Description  Coupled Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPR4012-223BML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPR4012-223BML Datasheet HTML 1Page - Coilcraft lnc. LPR4012-223BML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coupled Inductors–LPR4012 Series
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 713-2
0.060
1,52
0.0433 ±0.004
1,10 ±0,10
Dash
number
Dot indicates pin 1
0.155 ±0.003
3,94 ±0,076
0.155 ±0.003
3,94 ±0,076
XXXX
14
23
Recommended
Land Pattern
0.174
4,40
0.103
2,606
0.103
2,606
0.049
1,24
0.049
1,24
0.174
4,40
0.031
0,78
45°
typ
1
4
2
3
2
1
4
3
L1
L2
Core material Ferrite
Weight 54 – 64 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Winding to winding isolation 100 V
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) 26,315,789 hours
Failures in Time (FIT) 38 per one billion hours
Packaging 1000/7
″reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.25 mm thick, 8 mm pocket spacing, 1.32 mm pocket depth
Recommended pick and place nozzle OD: 4 mm; ID:
≤ 2 mm
PCB washing Only pure water or alcohol recommended
Dimensions are in
inches
mm
L1
L1
L2
L2
+
+
+
+
+
D
D
D
C
C
PWM
C
C
SW
Typical Flyback Converter
Typical Buck Converter with auxiliary output
VOUT
VOUT
VOUT
AUX
VIN
VIN
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
Document 713-2
Revised 10/05/09


Similar Part No. - LPR4012-223BML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-223BML COILCRAFT-LPR4012-223BML Datasheet
162Kb / 2P
   For Step-Up, Resonant & Flyback Applications
More results

Similar Description - LPR4012-223BML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com