Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP14CA Datasheet(PDF) 3 Page - Transys Electronics

Part # 5KP14CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

5KP14CA Datasheet(HTML) 3 Page - Transys Electronics

  5KP14CA Datasheet HTML 1Page - Transys Electronics 5KP14CA Datasheet HTML 2Page - Transys Electronics 5KP14CA Datasheet HTML 3Page - Transys Electronics 5KP14CA Datasheet HTML 4Page - Transys Electronics 5KP14CA Datasheet HTML 5Page - Transys Electronics 5KP14CA Datasheet HTML 6Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-STEADY STATE POWER DERATING
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
UNI-DIRECTIONAL 5000 Watt Axial Lead TVS
UNI-
DIRECTIONAL
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
5KP5.0
5KP5.0A
5KP6.0
5KP6.0A
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.30
7.00
8.15
7.37
50
50
50
50
9.6
9.2
11.4
10.3
520
543
439
485
2000
2000
5000
5000
5KP6.5
5KP6.5A
5KP7.0
5KP7.0A
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
50
50
50
50
12.3
11.2
13.3
12.0
407
447
378
417
2000
2000
1000
1000
5KP7.5
5KP7.5A
5KP8.0
5KP8.0A
7.50
7.50
8.00
8.00
8.33
8.33
8.89
8.89
10.20
9.21
10.90
9.83
5
5
5
5
14.3
12.9
15.0
13.6
350
388
333
367
250
250
150
150
5KP8.5
5KP8.5A
5KP9.0
5KP9.0A
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.50
10.40
12.20
11.10
5
5
5
5
15.9
14.4
16.9
15.4
314
347
295
325
50
50
20
20
5KP10
5KP10A
10.00
10.00
11.10
11.10
13.60
12.30
5
5
18.8
17.0
266
294
10
10


Similar Part No. - 5KP14CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP14CA SURGE-5KP14CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP14CA LUGUANG-5KP14CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
SeCoS Halbleitertechnol...
5KP14CA SECOS-5KP14CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Littelfuse
5KP14CA LITTELFUSE-5KP14CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
DAESAN ELECTRONIC CORP.
5KP14CA DAESAN-5KP14CA Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP14CA

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com